Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDXS0512C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part No. NDXS0512C
Description  Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MURATA [Murata Manufacturing Co., Ltd.]
Homepage  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NDXS0512C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NDXS0512C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NDXS0512C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NDXS0512C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NDXS0512C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NDXS0512C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NDXS0512C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NDX Series
Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters
KDC_NDXC.G01 Page 1 of 6
All enquiries: www.murata-ps.com/support
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
 
www.murata-ps.com
SELECTION GUIDE
Order Code1
V
mA
mA
A
mA
mVp-p
%
pF
NCS6 Series
NDXS0512C
5
12
156
625
42
2.02
79
110
68
55
NDXS0512EC
5
12
156
625
42
2.02
0.48
79
110
68
55
NDXS0515C
5
15
125
500
46.2
2.02
55
80
67
49
NDXS0515EC
5
15
125
500
46.2
2.02
0.46
55
80
67
49
NDXS1212C
12
12
156
625
19.4
0.77
31
50
77
56
NCS6S1212C
NDXS1212EC
12
12
156
625
19.4
0.77
0.51
31
50
77
56
NCS6S1212C
NDXS1215C
12
15
125
500
27
0.77
23
40
77
53
NCS6S1215C
NDXS1215EC
12
15
125
500
27
0.77
0.51
23
40
77
53
NCS6S1215C
NDXS2412C
24
12
156
625
13.8
0.38
24
50
80
55
NCS6S1212C
NDXS2412EC
24
12
156
625
13.8
0.38
0.53
24
50
80
55
NCS6S1212C
NDXS2415C
24
15
125
500
20.6
0.37
24
45
80
56
NCS6S1215C
NDXS2415EC
24
15
125
500
20.6
0.37
0.53
24
45
80
56
NCS6S1215C
NDXS4812C
48
12
156
625
8.8
0.187
20
40
81
58
NCS6S4812C
NDXS4812EC
48
12
156
625
8.8
0.187
0.47
20
40
81
58
NCS6S4812C
NDXS4815C
48
15
125
500
10.2
0.187
20
40
82
58
NCS6S4815C
NDXS4815EC
48
15
125
500
10.2
0.187
0.48
20
40
82
58
NCS6S4815C
NDXD0505C
5
±5
±150
±600
19.4
1.83
20
40
67
40
NDXD0505EC
5
±5
±150
±600
19.4
1.83
0.075
20
40
67
40
NDXD0512C
5
±12
±78.1
±312
33.4
2.15
21
45
69
42
NDXD0512EC
5
±12
±78.1
±312
33.4
2.15
0.075
21
45
69
42
NDXD0515C
5
±15
±62.5
±250
41.8
2.69
15
35
71
43
NDXD0515EC
5
±15
±62.5
±250
41.8
2.69
0.075
15
35
71
43
NDXD1205C
12
±5
±187
±750
13.2
0.89
20
45
73
36
NCS6D1205C
NDXD1205EC
12
±5
±187
±750
13.2
0.89
0.176
20
45
73
36
NCS6D1205C
NDXD1212C
12
±12
±78.1
±312
15
0.86
25
55
78
41
NCS6D1212C
NDXD1212EC
12
±12
±78.1
±312
15
0.86
0.159
25
55
78
41
NCS6D1212C
NDXD1215C
12
±15
±62.5
±250
17
0.86
30
60
79
41
NCS6D1215C
NDXD1215EC
12
±15
±62.5
±250
17
0.86
0.175
30
60
79
41
NCS6D1215C
NDXD2405C
24
±5
±187
±750
4.2
0.402
35
60
75
58
NCS6D1205C
NDXD2405EC
24
±5
±187
±750
4.2
0.402
0.15
35
60
75
58
NCS6D1205C
NDXD2412C
24
±12
±78.1
±312
6.3
0.38
25
55
81
56
NCS6D1212C
NDXD2412EC
24
±12
±78.1
±312
6.3
0.38
0.4
25
55
81
56
NCS6D1212C
NDXD2415C
24
±15
±62.5
±250
7
0.38
30
60
82
56
NCS6D1215C
NDXD2415EC
24
±15
±62.5
±250
7
0.38
0.4
30
60
82
56
NCS6D1215C
NDXD4805C
48
±5
±187
±750
3.6
0.198
20
40
77
61
NCS6D4805C
NDXD4805EC
48
±5
±187
±750
3.6
0.198
0.08
20
40
77
61
NCS6D4805C
NDXD4812C
48
±12
±78.1
±312
5.9
0.19
25
45
82
57
NCS6D4812C
NDXD4812EC
48
±12
±78.1
±312
5.9
0.19
0.5
25
45
82
57
NCS6D4812C
NDXD4815C
48
±15
±62.5
±250
5.9
0.19
22
55
82
58
NCS6D4815C
NDXD4815EC
48
±15
±62.5
±250
5.9
0.19
0.5
22
55
82
58
NCS6D4815C
1. Suffix ‘EC’ indicates optional CTRL pin is fitted, as indicated in the mechanical dimensions section.
2. Please refer to minimum load application notes section on page 4.
3. See ripple & noise characterisation method.
All specifications typical at TA=25°C, with recommended input/output capacitors (refer to application note), nominal input voltage and
rated output current unless otherwise specified.
FEATURES
RoHS compliant
2:1 Wide range voltage input
Continuous short circuit protection with
current foldback
Operating temperature range –40°C to
85°C
0.2% Typical load regulation
1kVDC Isolation
Efficiency from 67%
5V, 12V, 24V & 48V Nominal input
5V, 12V & 15V outputs
Power density 0.94W/cm3
Optional remote On/Off
UL 94V-0 Package materials
No electrolytic capacitors
Low noise
Custom solutions available
PRODUCT OVERVIEW
The NDX series of DC/DC converters provide
up to 7.5W of output power with single or dual
outputs. Unbalanced loading capability with an
optional input control pin. Input voltages of 5V
(4.5V to 9V), 12V (9V to 18V), 24V (18V to 36V),
and 48V (36V to 75V) with outputs of 5V, 12V
or 15V provided. The device is housed in a 5
sided metal case potted with UL 94V-0 rated
material. The pinout is an industry standard 5
pin arrangement with an additional optional
control pin.
gle
OBSOLETE
I l t d75W
I l t d75W
OBSOLETE
OBSOLETE


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn