Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF0905-100Y Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SRF0905-100Y
Description  SRF0905 Series - Line Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SRF0905-100Y Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SRF0905-100Y Datasheet HTML 1Page - List of Unclassifed Manufacturers SRF0905-100Y Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100Y
5.70
(.224)
9.20 ± 0.30
(.362 ± .012)
1.8
(.071)
1.00 ± 0.10
(.039 ± .004)
2.54 ± 0.20
(.100 ± .008)
0.8 ± 0.2
(.031 ± .008)
6.00 ± 0.30
(.236 ± .012)
5.00 ± 0.30
(.197 ± .012)
1.4
(.055)
MAX.
MAX.
REF.
1
2
4
3
Features
Current rating up to 1.6 A
Inductance range: 10 to 6500
μH
Frequency range to 300 MHz
RoHS compliant*
Applications
EMI suppression
SRF0905 Series - Line Filter
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Temperature Rise .. 45 °C at rated current
Hi-Pot .............................500 VAC, 60 Hz,
3 mA max. for 3 seconds
Operating Temperature
................................. -40 °C to +105 °C
(Temperature rise included)
Storage Temperature .. -40 °C to +105 °C
Solderability.................260 °C for 5 sec.
(JEDEC J-STD-020D)
Electrical Specifications @ 25 °C
Part Number
L
(
μH) **
Leakage
Ind.
(
μH)
Max.
DCR
(
Ω) max.
(each
winding)
Rated
Voltage
(Vdc)
Rated
Current
(A)
Impedance (Z)
Freq.
Range
(MHz)
Min.
Value
(
Ω)
SRF0905-100Y
10 ± 30 %
8
0.08
50
1.6
20 - 300
200
SRF0905-250Y
25 ± 30 %
16
0.16
50
1.0
20 - 150
600
SRF0905-400Y
40 ± 30 %
18
0.25
50
0.9
20 - 100
800
SRF0905-500Y
50 ± 30 %
22
0.32
50
0.8
20 - 100
1500
SRF0905-251Y
250 ± 50 %
0.11
0.13
50
1.2
3 - 20
600
SRF0905-471Y
470 ± 50 %
0.12
0.14
50
1.1
2 - 20
1000
SRF0905-501Y
500 ± 50 %
0.12
0.15
50
1.0
1 - 20
1000
SRF0905-102Y
1000 ± 50 %
0.17
0.31
50
0.8
1 - 15
1500
SRF0905-202Y
2000 ± 50 %
0.25
0.42
50
0.6
1 - 5
3000
SRF0905-472Y
4700 ± 50 %
0.36
0.90
50
0.4
0.3 - 3
4000
SRF0905-652Y
6500 ± 50 %
0.39
1.05
50
0.3
0.3 - 2
5000
General Specifications
Core Material ................................Ferrite
Base ................................................ LCP
Wire ........................... Enameled copper
Terminal coating .................................Sn
Packaging.....1000 pcs. per 13-inch reel
Materials
Product Dimensions
Recommended Layout
Schematic
DIMENSIONS:
MM
(INCHES)
*
* Test condition: 10 - 50 μH, 0.1 V, 1 KHz; 250 - 6500 μH, 5 mV, 100 KHz
How to Order
SRF0905 - 102 Y
Model
Value Code (see table)
Tolerance Code (see table)
Typical Part Marking
N2
23
1
= POLARITY
4
N1
9.5
(.374)
1.2
(.047)
1.2
(.047)
2.54
(.100)
2.0
(.079)
100Y
10
0
Y


Similar Part No. - SRF0905-100Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF0905-100Y BOURNS-SRF0905-100Y Datasheet
364Kb / 2P
   Inductance range: 10 to 6500 關H
SRF0905-100Y BOURNS-SRF0905-100Y Datasheet
364Kb / 2P
   Line Filter
More results

Similar Description - SRF0905-100Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF0504-351Y BOURNS-SRF0504-351Y Datasheet
417Kb / 3P
   SRF0504 Series - Line Filter
DR334A BOURNS-DR334A Datasheet
612Kb / 4P
   DR334A Series – Line Filter
REV. 08/20
logo
ABC Taiwan Electronics ...
UF10V2103YL ABC-UF10V2103YL Datasheet
573Kb / 5P
   LINE FILTER
logo
XFMRS Inc.
XF0103-ET24 XFMRS-XF0103-ET24 Datasheet
38Kb / 1P
   LINE FILTER
XF0053-00U7 XFMRS-XF0053-00U7 Datasheet
37Kb / 1P
   LINE FILTER
XF0083-ET20 XFMRS-XF0083-ET20 Datasheet
38Kb / 1P
   LINE FILTER
XF0203-00U3 XFMRS-XF0203-00U3 Datasheet
44Kb / 1P
   LINE FILTER
XF0203H-ET24 XFMRS-XF0203H-ET24 Datasheet
40Kb / 1P
   LINE FILTER
XF4706-00U3 XFMRS-XF4706-00U3 Datasheet
38Kb / 1P
   LINE FILTER
logo
Bourns Electronic Solut...
SRF1006-121Y BOURNS-SRF1006-121Y Datasheet
343Kb / 2P
   Line Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com