Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143ZKA Datasheet(PDF) 6 Page - Rohm

Part # DTC143ZKA
Description  DTC143Z series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC143ZKA Datasheet(HTML) 6 Page - Rohm

Back Button DTC143ZKA Datasheet HTML 2Page - Rohm DTC143ZKA Datasheet HTML 3Page - Rohm DTC143ZKA Datasheet HTML 4Page - Rohm DTC143ZKA Datasheet HTML 5Page - Rohm DTC143ZKA Datasheet HTML 6Page - Rohm DTC143ZKA Datasheet HTML 7Page - Rohm DTC143ZKA Datasheet HTML 8Page - Rohm DTC143ZKA Datasheet HTML 9Page - Rohm DTC143ZKA Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTC143Z series
lDimensions
(Unit : mm)
Dimension in mm/inches
EMT3F
Patterm of terminal position areas
D
e
A
b
x
S A
c
S
e
b2
MIN
MAX
MIN
MAX
A
0.65
0.85
A1
0.00
0.10
0
0.004
A2
0.60
0.80
0.024
0.031
b
0.21
0.36
0.008
0.014
c
0.08
0.18
0.003
0.007
D
1.50
1.70
0.059
0.067
E
0.76
0.96
0.03
0.038
e
HE
1.50
1.70
0.059
0.067
L
Lp
0.35
0.55
0.014
0.022
x
-
0.10
-
0.004
MIN
MAX
MIN
MAX
e1
-
1.05
-
0.041
b2
-
0.46
-
0.018
l1
-
0.65
-
0.026
DIM
0.50
0.02
0.37
0.015
MILIMETERS
INCHES
DIM
MILIMETERS
INCHES
6/10
2012.04 - Rev.A


Similar Part No. - DTC143ZKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143ZKA ROHM-DTC143ZKA Datasheet
71Kb / 3P
   Digital transistors (built-in resistors)
DTC143ZKA ROHM-DTC143ZKA Datasheet
86Kb / 4P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC143ZKA SECOS-DTC143ZKA Datasheet
205Kb / 2P
   Digital Transistors (Built-in Resistors)
logo
Rohm
DTC143ZKA ROHM-DTC143ZKA Datasheet
147Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
logo
Rectron Semiconductor
DTC143ZKA RECTRON-DTC143ZKA Datasheet
354Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTOR (NPN)
More results

Similar Description - DTC143ZKA

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com