Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2682 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2682
Description  400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2682 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2682 Datasheet HTML 1Page - Maxim Integrated Products MAX2682 Datasheet HTML 2Page - Maxim Integrated Products MAX2682 Datasheet HTML 3Page - Maxim Integrated Products MAX2682 Datasheet HTML 4Page - Maxim Integrated Products MAX2682 Datasheet HTML 5Page - Maxim Integrated Products MAX2682 Datasheet HTML 6Page - Maxim Integrated Products MAX2682 Datasheet HTML 7Page - Maxim Integrated Products MAX2682 Datasheet HTML 8Page - Maxim Integrated Products MAX2682 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
400MHz to 2.5GHz, Low-Noise,
SiGe Downconverter Mixers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, SHDN = +2V, TA = TMIN to TMAX unless otherwise noted. Typical values are at VCC = +3V and TA = +25°C.
Minimum and maximum values are guaranteed over temperature by design and characterization.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..........................................................-0.3V to +6.0V
RFIN Input Power (50
Ω Source).....................................+10dBm
LO Input Power (50
Ω Source) ........................................+10dBm
SHDN, IFOUT, RFIN to GND ......................-0.3V to (VCC + 0.3V)
LO to GND..........................................(VCC - 1V) to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
SOT23-6 (derate 8.7mW/°C above +70°C)..................696mW
Operating Temperature Range ..........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
MAX2682
MAX2681
MAX2680
SHDN = 0.5V
0 < SHDN < VCC
CONDITIONS
mA
15.0
21.8
ICC
Operating Supply Current
8.7
12.7
5.0
7.7
µA
0.05
5
ICC
Shutdown Supply Current
V
2.0
VIH
Shutdown Input Voltage High
V
0.5
VIL
Shutdown Input Voltage Low
µA
0.2
ISHDN
Shutdown Input Bias Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
(Notes 1, 2)
(Notes 1, 2)
50
Ω source impedance
fRF = 1950MHz, 1951MHz, fLO = 1880MHz, fIF = 70MHz
fRF = 900MHz, 901MHz, fLO = 970MHz, fIF = 70MHz
fRF = 2450MHz, fLO = 2210MHz, fIF = 240MHz
fRF = 1950MHz, fLO = 2020MHz, fIF = 70MHz
fRF = 2450MHz, fLO = 2210MHz, fIF = 240MHz
(Notes 1, 2)
fRF = 400MHz, fLO = 445MHz, fIF = 45MHz
fRF = 900MHz, fLO = 970MHz, fIF = 70MHz
fRF = 900MHz, fLO = 970MHz, fIF = 70MHz
fRF = 1950MHz, fLO = 1880MHz, fIF = 70MHz (Note 1)
fRF = 2450MHz, 2451MHz, fLO = 2210MHz, fIF = 240MHz
CONDITIONS
1.5:1
LO Input VSWR
dB
11.7
Noise Figure (Single Sideband)
8.3
6.3
dBm
-6.9
Input Third-Order Intercept Point
(Note 3)
MHz
400
2500
LO Frequency Range
MHz
400
2500
RF Frequency Range
-8.2
-12.9
dB
7.0
Conversion Power Gain
MHz
10
500
IF Frequency Range
7.3
11.6
5.7
7.6
8.6
UNITS
MIN
TYP
MAX
PARAMETER
AC ELECTRICAL CHARACTERISTICS
(MAX2680/1/2 EV Kit, VCC = SHDN = +3.0V, TA = +25°C, unless otherwise noted. RFIN and IFOUT matched to 50
Ω. PLO = -5dBm,
PRFIN = -25dBm.)
fRF = 1950MHz, fLO = 1880MHz, fIF = 70MHz,
TA = TMIN to TMAX (Note 1)
dB
1.9
2.4
Gain Variation Over Temperature
fLO = 1880MHz
dBm
-22
LO Leakage at IFOUT Port
MAX2680
CAUTION! ESD SENSITIVE DEVICE


Similar Part No. - MAX2682

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2682 MAXIM-MAX2682 Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
MAX2682 MAXIM-MAX2682 Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2682 MAXIM-MAX2682 Datasheet
135Kb / 4P
   Easy Evaluation of All Device Functions
Rev 1; 11/98
logo
List of Unclassifed Man...
MAX2682EUT ETC-MAX2682EUT Datasheet
56Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
logo
Maxim Integrated Produc...
MAX2682EUT-T MAXIM-MAX2682EUT-T Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
More results

Similar Description - MAX2682

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2680 MAXIM-MAX2680_03 Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680 MAXIM-MAX2680 Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
MAX2660 MAXIM-MAX2660 Datasheet
234Kb / 16P
   400MHz to 2.5GHz Upconverter Mixers
19-1382; Rev 1; 9/99
MAX2690 MAXIM-MAX2690 Datasheet
99Kb / 10P
   Low-Noise, 2.5GHz Downconverter Mixer
19-1282; Rev 0; 10/97
MAX2640 MAXIM-MAX2640_03 Datasheet
174Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
MAX2640-MAX2641 MAXIM-MAX2640-MAX2641 Datasheet
110Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 1; 2/99
logo
Tyco Electronics
MD59-0044 MACOM-MD59-0044 Datasheet
321Kb / 11P
   Wideband Downconverter 0.7-2.5GHz
logo
Intersil Corporation
HFA3424 INTERSIL-HFA3424 Datasheet
43Kb / 5P
   2.4GHz - 2.5GHz Low Noise Amplifier
January 1997
logo
RF Micro Devices
RFLA1022 RFMD-RFLA1022 Datasheet
1Mb / 17P
   Low Noise, High Linearity Amplifier 400MHz to 1500MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com