Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPBL15SL60 Datasheet(PDF) 13 Page - Fairchild Semiconductor

Part # FPBL15SL60
Description  Smart Power Module (SPM)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPBL15SL60 Datasheet(HTML) 13 Page - Fairchild Semiconductor

Back Button FPBL15SL60 Datasheet HTML 9Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 10Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 11Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 12Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 13Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 14Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 15Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 16Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 17Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, February 2002
P1 : Normal operation - IGBT ON and conducting currents
P2 : Short-circuit current detection
P3 : IGBT gate interrupt / Fault signal generation
P4 : IGBT is slowly turned off
P5 : IGBT OFF signal
P6 : IGBT ON signal - but IGBT cannot be turned on during the fault-output activation
P7 : IGBT OFF state
P8 : Fault-output reset and normal operation start
Fig. 13. Short-circuit Current Protection (Low-side Operation only)
Note
It would be recommended that by-pass capacitors for the gating input signals, IN(XX) should be placed on the SPM pins and on the both sides of CPU and SPM
for the fault output signal, VFO, as close as possible.
Fig. 14. Recommended CPU I/O Interface Circuit
Internal IGBT
Gate-Emitter Voltage
Input Signal
Output Current
Sensing Voltage
Fault Output Signal
P1
P2
P3
P4
P6
P5
P7
P8
SC Reference
Voltage (0.5V)
RC Filter Delay
SC Detection
CPU
CO M
5V-Line
1.2nF
0.47nF
1nF
4.7k
4.7k
4.7k
,,
IN (UL) IN (VL)
IN(WL)
,,
IN(UH) IN(VH) IN(WH)
VFO
FPB L15SL60
100
100
100
1nF


Similar Part No. - FPBL15SL60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPBL15SH60 FAIRCHILD-FPBL15SH60 Datasheet
284Kb / 17P
   Smart Power Module (SPM)
FPBL15SM60 FAIRCHILD-FPBL15SM60 Datasheet
285Kb / 17P
   Smart Power Module (SPM)
More results

Similar Description - FPBL15SL60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB50325S FAIRCHILD-FSB50325S Datasheet
149Kb / 8P
   Smart Power Module (SPM)
FSB50250S FAIRCHILD-FSB50250S Datasheet
163Kb / 8P
   Smart Power Module (SPM)
FPAL30SL60 FAIRCHILD-FPAL30SL60 Datasheet
679Kb / 17P
   Smart Power Module (SPM)
FSAM10SM60A FAIRCHILD-FSAM10SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSAM10SH60A FAIRCHILD-FSAM10SH60A Datasheet
1Mb / 16P
   SPM (Smart Power Module)
FSBM10SH60 FAIRCHILD-FSBM10SH60 Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSB50450 FAIRCHILD-FSB50450 Datasheet
340Kb / 8P
   Smart Power Module (SPM)
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPBL20SL60 FAIRCHILD-FPBL20SL60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FPBL20SM60 FAIRCHILD-FPBL20SM60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FSBM15SH60A FAIRCHILD-FSBM15SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com