Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPBL15SL60 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part No. FPBL15SL60
Description  Smart Power Module (SPM)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPBL15SL60 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FPBL15SL60 Datasheet HTML 7Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 8Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 9Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 10Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 11Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 12Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 13Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 14Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, February 2002
Recommended Operating Conditions
ICs Internal Structure and Input/Output Conditions
Note
1. One LVIC drives three Sense-IGBTs and can do short-circuit current protection also. Three sense emitters are commonly connected to RSC terminal to detect
short-circuit current. Low-side part of the inverter consists of three sense-IGBTs
2. One HVIC drives one normal-IGBT. High-side part of the inverter consists of three normal-IGBTs
3. Each IC has under voltage detection and protection function.
4. The logic input is compatible with standard CMOS or LSTTL outputs.
5. RPCP coupling at each input/output is recommended in order to prevent the gating input/output signals oscillation and it should be as close as possible to each
SPM gating input pin.
6. It would be recommended that the bootstrap diode, DBS, has soft and fast recovery characteristics.
Fig. 10.
Item
Symbol
Condition
Value
Unit
Min.
Typ.
Max.
Supply Voltage
VPN
Applied between P - N
-
300
400
V
Control Supply Voltage
VCC
Applied between VCC(H) - COM(H),
VCC(L) - COM(L)
13.5
15
16.5
V
High-Side Bias Voltage
VBS
Applied between VB(U) - VS(U), VB(V) - VS(V),
VB(W) - VS(W)
13.5
15
16.5
V
Blanking Time for Preventing
Arm-short
tdead
For Each Input Signal
3
-
-
us
PWM Input Signal
fPWM
TC ≤ 100°C, TJ ≤ 125°C
-
3
-
kHz
Input ON Threshold Voltage
VIN(ON)
Applied between UIN,VIN, WIN - COM
0 ~ 0.65
V
Input OFF Threshold Voltage
VIN(OFF) Applied between UIN,VIN, WIN - COM
4 ~ 5.5
V
LEVEL
SHIFT
HVIC
HVIC
HVIC
HVIC
UV
DETECT
PULSE
FILTER
R
R
S
Q
IN
IN
IN
IN
(UH,VH,WH)
(UH,VH,WH)
(UH,VH,WH)
(UH,VH,WH)
COM
COM
COM
COM
VS
VS
VS
VS
(UH,VH,WH)
(UH,VH,WH)
(UH,VH,WH)
(UH,VH,WH)
VCC
VCC
VCC
VCC
(UH,VH,WH)
(UH,VH,WH)
(UH,VH,WH)
(UH,VH,WH)
15V Line
15V Line
15V Line
15V Line
UV
PROTECTION
SC
PROTECTION
TIME
DELAY
SC
LATCH_UP
IN
IN
IN
IN
(UL,VL,WL)
(UL,VL,WL)
(UL,VL,WL)
(UL,VL,WL)
PULSE
GENERATOR
(HYSTERISIS)
BUFFER
OUTPUT
(UL,VL,WL)
SOFT_OFF
CONTROL
VCC
VCC
VCC
VCC
(L)
(L)
(L)
(L)
UV
DETECT
TIME
DELAY
BANDGAP
REFERENCE
FAULT OUTPUT
DURATION
V
V
V
V
FO
FO
FO
FO
UV
LATCH_UP
C
C
C
C
FOD
FOD
FOD
FOD
SC
DETECTION
LVIC
LVIC
LVIC
LVIC
P
P
P
P
VB
VB
VB
VB
(UH,VH,WH)
(UH,VH,WH)
(UH,VH,WH)
(UH,VH,WH)
5V Line
5V Line
5V Line
5V Line
5V Line
5V Line
5V Line
5V Line
R
P
C
PL
C
FOD
R
P
C
PH
N
N
N
N
C
BSC
D
BS
R
BS
R
SC
C
SC
R
F
PULSE
GENERATOR
R
PF
C
PF
C
BP15
C
BS
U,V,W
U,V,W
U,V,W
U,V,W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FPAL15SM60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM20SH60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor
FPAL20SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSB50450 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM20SM60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor
FPAL20SM60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPAL30SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL10SH60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL15SH60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM30SM60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn