Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPBL15SL60 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part No. FPBL15SL60
Description  Smart Power Module (SPM)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPBL15SL60 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FPBL15SL60 Datasheet HTML 6Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 7Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 8Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 9Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 10Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 11Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 12Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 13Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, February 2002
Mechanical Characteristics and Ratings
Fig. 8. Flatness Measurement Position of The Ceramic Substrate
Note
6. Do not make over torque or mounting screws. Much mounting torque may cause ceramic cracks and bolts and Al heat-fin destruction.
7. Avoid one side tightening stress. Fig.9 shows the recommended torque order for mounting screws. Uneven mounting can cause the SPM ceramic substrate to
be damaged.
Fig. 9. Mounting Screws Torque Order (1
→ 2 →
→ 3 →
→ 4)
Item
Condition
Limits
Units
Min.
Typ.
Max.
Mounting Torque
Mounting Screw: M3
(Note 6 and 7)
Recommended 10kg•cm
8
10
12
Kg•cm
Recommended 0.98N•m
0.78
0.98
1.17
N•m
Ceramic Flatness
(Note Fig. 8)
0
-
+100
um
Weight
-56
-
g
4
1
2
2
2
2
3
4
1
2
2
2
2
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FPAL15SM60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM20SH60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor
FPAL20SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSB50450 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM20SM60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor
FPAL20SM60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPAL30SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL10SH60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL15SH60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM30SM60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn