Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPBL15SL60 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FPBL15SL60
Description  Smart Power Module (SPM)
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FPBL15SL60 Datasheet(HTML) 1 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, February 2002
FPBL15SL60
Smart Power Module (SPM)
General Description
FPBL15SL60 is an advanced smart power module (SPM)
that Fairchild has newly developed and designed to provide
very compact and low cost, yet high performance ac motor
drives mainly targeting low speed low-power inverter-driven
application like air conditioners. It combines optimized
circuit protection and drive matched to low-loss IGBTs.
Highly effective short-circuit current detection/protection is
realized through the use of advanced current sensing IGBT
chips that allow continuous monitoring of the IGBTs
current. System reliability is further enhanced by the
integrated under-voltage lock-out protection. The high
speed built-in HVIC provides opto-coupler-less IGBT gate
driving capability that further reduce the overall size of the
inverter system design. In addition the incorporated HVIC
facilitates the use of single-supply drive topology enabling
the FPBL15SL60 to be driven by only one drive supply
voltage without negative bias.
Features
• UL Certified No. E209204
• 600V-15A 3-phase IGBT inverter bridge including control
ICs for gate driving and protection
• Single-grounded power supply due to built-in HVIC
• Typical switching frequency of 3kHz
• Inverter power rating of 1kW / 100~253 Vac
• Isolation rating of 2500Vrms/min.
• Very low leakage current due to using ceramic substrate
• Adjustable current protection level by varying series
resistor value with sense-IGBTs
Applications
• AC 100V ~ 253V three-phase inverter drive for small
power (1kW) ac motor drives
• Home appliances applications requiring low switching
frequency operation like air conditioners drive system
• Application ratings:
- Power : 1kW / 100~253 Vac
- Switching frequency : Typical 3kHz (PWM Control)
- 100% load current : 7A (Irms)
External View and Marking Information
Fig. 1.
55 mm
57 mm
Top View
Bottom View
Marking
Device Name
Version, Lot Code


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FPAL15SM60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM20SH60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor
FPAL20SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSB50450Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM20SM60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor
FPAL20SM60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPAL30SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPBL10SH60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPBL15SH60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM30SM60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn