Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPBL15SL60 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part No. FPBL15SL60
Description  Smart Power Module (SPM)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPBL15SL60 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FPBL15SL60 Datasheet HTML 3Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 4Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 5Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 6Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 7Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 8Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 9Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 10Page - Fairchild Semiconductor FPBL15SL60 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, February 2002
Fig 5. Switching Time Definition
Fig. 6. Experimental Results of Switching Waveforms
Test Condition: Vdc=300V, Vcc=15V, L=500uH (Inductive Load), TC=25°°°°C
t
rr
I
C
V
CE
V
IN
t
ON
t
C(ON)
VIN(ON)
10% IC
90% IC
10% VCE
100% IC
(a) Turn-on
t
rr
I
C
V
CE
V
IN
t
ON
t
C(ON)
VIN(ON)
10% IC
90% IC
10% VCE
100% IC
(a) Turn-on
(b) Turn-off
I
C
V
CE
V
IN
t
OFF
t
C(OFF)
10% VCE
10% IC
VIN(OFF)
(b) Turn-off
I
C
V
CE
V
IN
t
OFF
t
C(OFF)
10% VCE
10% IC
VIN(OFF)
VCE : 100V/div.
IC : 5A/div.
time : 100ns/div.
(a) Turn-on
(b) Turn-off
VCE : 100V/div.
IC : 5A/div.
time : 200ns/div.
VCE : 100V/div.
IC : 5A/div.
time : 100ns/div.
(a) Turn-on
(b) Turn-off
VCE : 100V/div.
IC : 5A/div.
time : 200ns/div.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FPAL15SM60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM20SH60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor
FPAL20SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSB50450 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM20SM60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor
FPAL20SM60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPAL30SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL10SH60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL15SH60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM30SM60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn