Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143ZEB Datasheet(PDF) 8 Page - Rohm

Part # DTA143ZEB
Description  DTA143Z series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA143ZEB Datasheet(HTML) 8 Page - Rohm

Back Button DTA143ZEB Datasheet HTML 3Page - Rohm DTA143ZEB Datasheet HTML 4Page - Rohm DTA143ZEB Datasheet HTML 5Page - Rohm DTA143ZEB Datasheet HTML 6Page - Rohm DTA143ZEB Datasheet HTML 7Page - Rohm DTA143ZEB Datasheet HTML 8Page - Rohm DTA143ZEB Datasheet HTML 9Page - Rohm DTA143ZEB Datasheet HTML 10Page - Rohm DTA143ZEB Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTA143Z series
lDimensions
(Unit : mm)
Dimension in mm/inches
UMT3F
Patterm of terminal position areas
D
b
e
x
S A
c
S
e
b2
A
MIN
MAX
MIN
MAX
A
0.85
1.05
0.033
0.041
A1
0.00
0.10
0
0.004
A2
0.80
1.00
0.031
0.039
b
0.27
0.42
0.011
0.017
c
0.08
0.18
0.003
0.007
D
1.90
2.10
0.075
0.083
E
1.15
1.35
0.045
0.053
e
HE
2.00
2.20
0.079
0.087
L
Lp
0.43
0.63
0.017
0.025
x
-
0.10
-
0.004
MIN
MAX
MIN
MAX
e1
b2
-
0.52
-
0.02
l1
-
0.83
-
0.033
INCHES
0.65
0.03
0.02
DIM
MILIMETERS
0.425
DIM
MILIMETERS
INCHES
1.47
0.058
8/10
2012.04 - Rev.A


Similar Part No. - DTA143ZEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZEB ROHM-DTA143ZEB Datasheet
80Kb / 3P
   -100mA / -50V Digital transistors
DTA143ZEB ROHM-DTA143ZEB Datasheet
554Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143ZEB ROHM-DTA143ZEB Datasheet
1Mb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143ZEB ROHM-DTA143ZEB Datasheet
1Mb / 14P
   PNP -100mA -50V Digital Transistor
DTA143ZEB ROHM-DTA143ZEB Datasheet
554Kb / 11P
   PNP -100mA -50V Digital Transistors
More results

Similar Description - DTA143ZEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZKAT146 ROHM-DTA143ZKAT146 Datasheet
554Kb / 11P
   DTA143Z series
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com