Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPBL15SH60 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. FPBL15SH60
Description  Smart Power Module (SPM)
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPBL15SH60 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FPBL15SH60 Datasheet HTML 2Page - Fairchild Semiconductor FPBL15SH60 Datasheet HTML 3Page - Fairchild Semiconductor FPBL15SH60 Datasheet HTML 4Page - Fairchild Semiconductor FPBL15SH60 Datasheet HTML 5Page - Fairchild Semiconductor FPBL15SH60 Datasheet HTML 6Page - Fairchild Semiconductor FPBL15SH60 Datasheet HTML 7Page - Fairchild Semiconductor FPBL15SH60 Datasheet HTML 8Page - Fairchild Semiconductor FPBL15SH60 Datasheet HTML 9Page - Fairchild Semiconductor FPBL15SH60 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. C, February 2002
Absolute Maximum Ratings
Thermal Resistance
Note
2. For the measurement point of case temperature (Tc), please refer to Fig. 4.
Electrical Characteristics
Inverter Part (T
j = 25°C, Unless Otherwise Specified)
Note
3. tON and tOFF include the propagation delay time of the internal drive IC. tC(ON) and tC(OFF) are the switching time of IGBT itself under the given gate driving condition
internally. For the detailed information, please see Fig. 5.
Item
Symbol
Condition
Min. Typ.
Max.
Unit
Junction to Case Thermal
Resistance
Rth(j-c)Q Each IGBT under Inverter Operating Condition
(Note 2)
-
-
2.61
°C/W
Rth(j-c)F
Each FWDi under Inverter Operating Condition
(Note 2)
-
-
3.73
°C/W
Contact Thermal
Resistance
Rth(c-f)
Ceramic Substrate (per 1 Module)
Thermal Grease Applied
-
-
0.06
°C/W
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Collector - Emitter
Saturation Voltage
VCE(SAT) VCC = VBS = 15V
VIN = 0V
IC = 15A, Tj = 25°C
-
-
2.8
V
IC = 15A, Tj = 125°C
-
-
2.9
V
FWDi Forward Voltage
VFM
VIN = 5V
IC = 15A, Tj = 25°C
-
-
2.3
V
IC = 15A, Tj = 125°C
-
-
2.1
V
Switching Times
tON
VPN = 300V, VCC = VBS = 15V
IC = 15A, Tj = 25°C
VIN = 5V ↔ 0V, Inductive Load
(High-Low Side)
(Note 3)
-0.39
-
µs
tC(ON)
-0.12
-
µs
tOFF
-0.53
-
µs
tC(OFF)
-0.16
-
µs
trr
-0.1
-
µs
Collector - Emitter
Leakage Current
ICES
VCE = VCES, Tj = 25°C
-
-
250
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FPAL15SM60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM20SH60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor
FPAL20SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSB50450Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM20SM60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor
FPAL20SM60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPAL30SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPBL10SH60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPBL15SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM30SM60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn