Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPBL10SH60 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FPBL10SH60
Description  Smart Power Module (SPM)
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FPBL10SH60 Datasheet(HTML) 3 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, February 2002
Internal Equivalent Circuit and Input/Output Pins
Note
1. Inverter low-side ( (1) - (12) pins) is composed of three sense-IGBTs including freewheeling diodes for each IGBT and one control IC which has gate driving,
current sensing and protection functions.
2. Inverter power side ( (13) - (17) pins) is composed of two inverter dc-link input terminals and three inverter output terminals.
3. Inverter high-side ( (18) - (30) pins) is composed of three normal-IGBTs including freewheeling diodes and three drive ICs for each IGBT.
Fig. 3.
17
P
Positive DC–Link Input
18
IN(WH)
Signal Input Terminal for High-side W Phase
19
VCC(WH)
High-side Bias Voltage for W Phase IC
20
VB(W)
High-side Bias Voltage for W Phase IGBT Driving
21
VS(W)
High-side Bias Voltage Ground for W Phase IGBT Driving
22
COM(H)
High-side Common Supply Ground
23
IN(VH)
Signal Input Terminal for High-side V Phase
24
VCC(VH)
High-side Bias Voltage for V Phase IC
25
VB(V)
High-side Bias Voltage for V Phase IGBT Driving
26
VS(V)
High-side Bias Voltage Ground for V Phase IGBT Driving
27
IN(UH)
Signal Input Terminal for High-side U Phase
28
VCC(UH)
High-side Bias Voltage for U Phase IC
29
VB(U)
High-side Bias Voltage for U Phase IGBT Driving
30
VS(U)
High-side Bias Voltage Ground for U Phase IGBT Driving
Pin Descriptions (Continued)
Pin Number
Pin Name
Pin Description
WV
U
N
(14)
(15)
(16)
(17)
P
(1) V
CC(L)
(2) COM
(L)
(3) IN
(UL)
(4) IN
(VL)
(5) IN
(WL)
(6) V
FO
(7) C
FOD
(8) C
SC
(12) NC
(11) NC
(13)
(29) V
B(U)
(22) COM
(H)
(27) IN
(UH)
(30) V
S(U)
(28) V
CC(UH)
(25) V
B(V)
(23) IN
(VH)
(24) V
CC(VH)
(26) V
S(V)
(20) V
B(W)
(18) IN
(WH)
(19) V
CC(WH)
(21) V
S(W)
(10) NC
(9) R
SC
V
CC
Wout
Uout
Vout
C
(SC)
C
(FOD)
V
(FO)
IN
(WL)
IN
(VL)
IN
(UL)
COM
(L)
Vcc
IN
COM
VB
HO
VS
Vcc
IN
COM
VB
HO
VS
Vcc
IN
COM
VB
HO
VS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FPAL15SM60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM20SH60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor
FPAL20SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSB50450Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM20SM60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor
FPAL20SM60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPAL30SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPBL15SH60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPBL15SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM30SM60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn