Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPAL30SL60 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FPAL30SL60
Description  Smart Power Module (SPM)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPAL30SL60 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FPAL30SL60 Datasheet HTML 1Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 2Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 3Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 4Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 5Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 6Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 7Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 8Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. C1, May 2003
FPAL30SL60
Smart Power Module (SPM)
General Description
FPAL30SL60 is an advanced smart power module (SPM)
that Fairchild has newly developed and designed to provide
very compact and low cost, yet high performance ac motor
drives mainly targeting low speed low-power inverter-driven
application like air conditioners. It combines optimized
circuit protection and drive matched to low-loss IGBTs.
Highly effective short-circuit current detection/protection is
realized through the use of advanced current sensing IGBT
chips that allow continuous monitoring of the IGBTs
current. System reliability is further enhanced by the built-in
over-temperature and integrated under-voltage lock-out
protection. The high speed built-in HVIC provides opto-
coupler-less IGBT gate driving capability that further reduce
the overall size of the inverter system design. In addition the
incorporated HVIC facilitates the use of single-supply drive
topology enabling the FPAL30SL60 to be driven by only
one drive supply voltage without negative bias.
Features
• UL Certified No. E209204
• 600V-30A 3-phase IGBT inverter bridge including control
ICs for gate driving and protection
• Single-grounded power supply due to built-in HVIC
• Typical switching frequency of 3kHz
• Built-in thermistor for over-temperature monitoring
• Inverter power rating of 2kW / 100~253 Vac
• Isolation rating of 2500Vrms/min.
• Very low leakage current due to using ceramic substrate
• Adjustable current protection level by varying series
resistor value with sense-IGBTs
Applications
• AC 100V ~ 253V three-phase inverter drive for small
power (2kW) ac motor drives
• Home appliances applications requiring low switching
frequency operation like air conditioners drive system
• Application ratings:
- Power : 2kW / 100~253 Vac
- Switching frequency : Typical 3kHz (PWM Control)
- 100% load current : 15A (Irms)
External View and Marking Information
Fig. 1.
55 mm
57 mm
Top View
Bottom View
Marking
Device Name
Version, Lot Code


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FPAL15SM60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM20SH60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor
FPAL20SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSB50450 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM20SM60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor
FPAL20SM60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL10SH60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL15SH60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL15SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM30SM60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn