Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPAL30SL60 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part No. FPAL30SL60
Description  Smart Power Module (SPM)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPAL30SL60 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FPAL30SL60 Datasheet HTML 5Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 6Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 7Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 8Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 9Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 10Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 11Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 12Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. C1, May 2003
Fig. 7. R-T Curve of The Built-in Thermistor
Fig. 8. Relationship between Sensing Resistor and SC Trip Current
for Short-Circuit Protection
(ISC = 82 ×××× Rating Current(30A) / RSC )
20
30
40
50
60
70
80
90
100
110
120
130
0
10
20
30
40
50
60
70
R-T Curve
Temperature [℃]
10
20
30
40
50
60
70
80
90
20
40
60
80
100
120
140
160
180
Sensing Resistor R
SC [Ω]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FPAL15SM60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM20SH60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor
FPAL20SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSB50450 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM20SM60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor
FPAL20SM60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL10SH60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL15SH60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL15SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM30SM60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn