Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPAL30SL60 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part No. FPAL30SL60
Description  Smart Power Module (SPM)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPAL30SL60 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FPAL30SL60 Datasheet HTML 4Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 5Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 6Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 7Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 8Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 9Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 10Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 11Page - Fairchild Semiconductor FPAL30SL60 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. C1, May 2003
Electrical Characteristics
Control Part (Tj = 25°C, Unless Otherwise Specified)
Note
4. Short-circuit current protection is functioning only at the low-sides. It would be recommended that the value of the external sensing resistor (RSC) should be
selected around 56
Ω in order to make the SC trip-level of about 45A.
Please refer to Fig. 8 which shows the current sensing characteristics according to sensing resistor RSC.
5. The fault-out pulse width tFOD depends on the capacitance value of CFOD according to the following approximate equation : CFOD = 18.3 x 10-6 x tFOD[F]
Item
Symbol
Condition
Min. Typ. Max. Unit
Control Supply Voltage
VCC
Applied between VCC(H),VCC(L) - COM
13.5
15
16.5
V
High-side Bias Voltage
VBS
Applied between VB(U) - VS(U), VB(V) - VS(V),
VB(W) - VS(W)
13.5
15
16.5
V
Quiescent VCC Supply Cur-
rent
IQCCL
VCC = 15V
IN(UL, VL, WL) = 5V
VCC(L) - COM(L)
--
26
mA
IQCCH
VCC = 15V
IN(UH, VH, WH) = 5V
VCC(U), VCC(V), VCC(W) - COM(H)
-
-
130
uA
Quiescent VBS Supply Cur-
rent
IQBS
VBS = 15V
IN(UH, VH, WH) = 5V
VB(U) - VS(U), VB(V) -VS(V),
VB(W) - VS(W)
-
-
420
uA
Fault Output Voltage
VFOH
VSC = 0V, VFO Circuit: 4.7kΩ to 5V Pull-up
4.5
-
-
V
VFOL
VSC = 1V, VFO Circuit: 4.7kΩ to 5V Pull-up
-
-
1.1
V
PWM Input Frequency
fPWM
TC ≤ 100°C, TJ ≤ 125°C
-
3
-
kHz
Allowable Input Signal
Blanking Time considering
Leg Arm-short
tdead
-20°C
≤ TC ≤ 100°C
3
-
-
us
Short Circuit Trip Level
VSC(ref) TJ = 25°, VCC = 15V (Note 4)
0.45
0.51 0.56
V
Sensing Voltage
of IGBT Current
VSEN
-20°C
≤ TC ≤ 100°C, @ RSC = 82 Ω and
IC = 30A (Note Fig. 8)
0.37
0.45 0.56
V
Supply Circuit Under-
Voltage Protection
UVCCD TJ ≤ 125°C
Detection Level
11.5
12
12.5
V
UVCCR
Reset Level
12
12.5
13
V
UVBSD
Detection Level
7.3
9.0
10.8
V
UVBSR
Reset Level
8.6
10.3
12
V
Fault-out Pulse Width
tFOD
VCC = 15V, C(sc) = 1V
CFOD = 33nF (Note 5)
1.4
1.8
2.0
ms
ON Threshold Voltage
VIN(ON) High-Side
Applied between IN(UH), IN(VH),
IN(WH) - COM(H)
--
0.8
V
OFF Threshold Voltage
VIN(OFF)
3.0
-
-
V
ON Threshold Voltage
VIN(ON) Low-Side
Applied between IN(UL), IN(VL),
IN(WL) - COM(L)
--
0.8
V
OFF Threshold Voltage
VIN(OFF)
3.0
-
-
V
Resistance of Thermistor
RTH
@ TC = 25°C (Note Figs. 4 and 7)
-
50
-
k
@ TC = 80°C (Note Figs. 4 and 7)
-
6.3
-
k


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FPAL15SM60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM20SH60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor
FPAL20SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSB50450 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM20SM60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor
FPAL20SM60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL10SH60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL15SH60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL15SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM30SM60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn