Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC28F128J3F75A Datasheet(PDF) 1 Page - Micron Technology

Part # PC28F128J3F75A
Description  Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

PC28F128J3F75A Datasheet(HTML) 1 Page - Micron Technology

  PC28F128J3F75A Datasheet HTML 1Page - Micron Technology PC28F128J3F75A Datasheet HTML 2Page - Micron Technology PC28F128J3F75A Datasheet HTML 3Page - Micron Technology PC28F128J3F75A Datasheet HTML 4Page - Micron Technology PC28F128J3F75A Datasheet HTML 5Page - Micron Technology PC28F128J3F75A Datasheet HTML 6Page - Micron Technology PC28F128J3F75A Datasheet HTML 7Page - Micron Technology PC28F128J3F75A Datasheet HTML 8Page - Micron Technology PC28F128J3F75A Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
208032-03
Jan 2011
Numonyx® Embedded Flash Memory (J3 65
nm) Single Bit per Cell (SBC)
32, 64, and 128 Mbit
Datasheet
Product Features
Architecture
— Symmetrical 128-KB blocks
— 128 Mbit (128 blocks)
— 64 Mbit (64 blocks)
— 32 Mbit (32 blocks)
— Blank Check to verify an erased block
Performance
— Initial Access Speed: 75ns
— 25 ns 8-word Asynchronous page-mode
reads
— 256-Word write buffer for x16 mode, 256-
Byte write buffer for x8 mode;
1.41 µs per Byte Effective programming
time
System Voltage
—VCC = 2.7 V to 3.6 V
—VCCQ = 2.7 V to 3.6 V
Packaging
— 56-Lead TSOP
— 64-Ball Easy BGA package
Security
— Enhanced security options for code
protection
— Absolute protection with VPEN = Vss
— Individual block locking
— Block erase/program lockout during power
transitions
— Password Access feature
— One-Time Programmable Register:
64 OTP bits, programmed with unique
information by Numonyx
64 OTP bits, available for customer
programming
Software
— Program and erase suspend support
—Numonyx® Flash Data Integrator (FDI)
— Common Flash Interface (CFI) Compatible
— Scalable Command Set
Quality and Reliability
— Operating temperature:
-40 °C to +85 °C
— 100K Minimum erase cycles per block
— 65 nm Flash Technology
— JESD47E Compliant
Micron Technology, Inc., reserves the right to change products or specifications without notice.
©2010 Micron Technology, Inc. All rights reserved.


Similar Part No. - PC28F128J3F75A

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
PC28F128J3F75 NUMONYX-PC28F128J3F75 Datasheet
776Kb / 67P
   Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
Jan 2018
More results

Similar Description - PC28F128J3F75A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
RC28F128J3F75A MICRON-RC28F128J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
JS28F640J3F75A MICRON-JS28F640J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
logo
Numonyx B.V
JS28F320J3F75A NUMONYX-JS28F320J3F75A Datasheet
703Kb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
JS28F320J3F75 NUMONYX-JS28F320J3F75 Datasheet
776Kb / 67P
   Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
Jan 2018
PC28F640P33BF60D NUMONYX-PC28F640P33BF60D Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
logo
Micron Technology
JS28F128P33BF70 MICRON-JS28F128P33BF70 Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
RC28F640P33TF60A MICRON-RC28F640P33TF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
PC28F640P33BF60A MICRON-PC28F640P33BF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory
logo
Numonyx B.V
PC28F128P33BF60A NUMONYX-PC28F128P33BF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory
logo
Micron Technology
JS28F640P30TF75A MICRON-JS28F640P30TF75A Datasheet
1Mb / 90P
   Numonyx짰 Axcell??P30-65nm Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com