Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N25Q128A11B1241F Datasheet(PDF) 30 Page - Micron Technology

Part # N25Q128A11B1241F
Description  128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

N25Q128A11B1241F Datasheet(HTML) 30 Page - Micron Technology

Back Button N25Q128A11B1241F Datasheet HTML 26Page - Micron Technology N25Q128A11B1241F Datasheet HTML 27Page - Micron Technology N25Q128A11B1241F Datasheet HTML 28Page - Micron Technology N25Q128A11B1241F Datasheet HTML 29Page - Micron Technology N25Q128A11B1241F Datasheet HTML 30Page - Micron Technology N25Q128A11B1241F Datasheet HTML 31Page - Micron Technology N25Q128A11B1241F Datasheet HTML 32Page - Micron Technology N25Q128A11B1241F Datasheet HTML 33Page - Micron Technology N25Q128A11B1241F Datasheet HTML 34Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 185 page
background image
Operating features
N25Q128 - 1.8 V
30/185
This is followed by the internal Program cycle (of duration tPP).
To spread this overhead, the Quad Command Page Program (QCPP) instruction allows up
to 256 bytes to be programmed at a time (changing bits from 1 to 0), provided that they are
in consecutive addresses on the same page of memory.
For optimized timings, it is recommended to use the QCPP instruction to program all
consecutive targeted bytes in a single sequence versus using several QCPP sequences
with each containing only a few bytes. See Table 33.: AC Characteristics.
The QCPP instruction is transmitted across 4 data lines except when VPP is raised to
VPPH.
The VPP can be raised to VPPH to decrease programming time (provided that the bit 3 of
the VECR has been set to 0 in advance). When bit 3 of VECR is set to 0 after the Quad
Command Page Program instruction sequence has been received, the memory temporarily
goes in Extended SPI protocol, and is possible to perform polling instructions (checking the
WIP bit of the Status Register or the Program/Erase Controller bit of the Flag Status
Register) or Program/Erase Suspend instruction even if DQ2 is temporarily used in this VPP
functionality. The memory automatically comes back in QIO-SPI protocol as soon as the
VPP pin goes Low.
5.3.4
Subsector Erase, Sector Erase and Bulk Erase
Similar to the Extended SPI protocol, Subsector Erase (SSE)(1), the Sector Erase (SE) and
the Bulk Erase (BE) instructions are used to erase the memory in the QIO-SPI protocol.
These instructions start an internal Erase cycle (of duration tSSE, tSE or tBE).
The Erase instruction must be preceded by a Write Enable (WREN) instruction.
The erase instructions are transmitted across 4 data lines unless the VPP is raised to
VPPH.
The VPP can be raised to VPPH to decrease erasing time, provided that the bit 3 of the
VECR has been set to 0 in advance. In this case, after the erase instruction sequence has
been received, the memory temporarily goes in extended SPI protocol, and it is possible to
perform polling instructions (checking the WIP bit of the Status Register or the
Program/Erase Controller bit of the Flag Status Register) or Program/Erase Suspend
instruction even if DQ2 is temporarily used in this VPP functionality. The memory
automatically comes back in QIO-SPI protocol as soon as the VPP pin goes Low.
Note:
Subsector Erase is only available on the 8 Bottom (Top) boot sectors, and is not available in
uniform architecture parts
5.3.5
Polling during a Write, Program or Erase cycle
It is possible to check if the internal write, program or erase operation is completed, by
polling the dedicated register bits of the Read Status Register (RDSR) or Read Flag Status
Register (FSR).
When the Program or Erase cycle is performed with the VPP, the device temporarily goes in
single I/O SPI mode. The protocol became again QIO-SPI as soon as the VPP pin voltage
goes low.


Similar Part No. - N25Q128A11B1241F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
N25Q128A11B1240E NUMONYX-N25Q128A11B1240E Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128A11B1240F NUMONYX-N25Q128A11B1240F Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128A11B1240G NUMONYX-N25Q128A11B1240G Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
More results

Similar Description - N25Q128A11B1241F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
N25Q128 NUMONYX-N25Q128 Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128 NUMONYX-N25Q128_1 Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Micron Technology
N25Q032A13E1241F MICRON-N25Q032A13E1241F Datasheet
5Mb / 153P
   32-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase, XiP enabled, serial flash memory with 108 MHz SPI bus interface
M25PX16SOVZM6TP MICRON-M25PX16SOVZM6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX64-VMF6TP NUMONYX-M25PX64-VMF6TP Datasheet
1Mb / 70P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25PX32 STMICROELECTRONICS-M25PX32 Datasheet
550Kb / 63P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX16-VMN6TP NUMONYX-M25PX16-VMN6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX32 NUMONYX-M25PX32 Datasheet
1Mb / 65P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX64 NUMONYX-M25PX64 Datasheet
1Mb / 66P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
NP5Q128A13ESFC0E NUMONYX-NP5Q128A13ESFC0E Datasheet
1Mb / 56P
   128-Mbit, Quad/Dual/Single Serial Interface, 128-Kbyte Sectors Phase Change Memory (PCM) with 66MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com