Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N25Q128A11B1241F Datasheet(PDF) 22 Page - Micron Technology

Part No. N25Q128A11B1241F
Description  128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
Download  185 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo MICRON - Micron Technology

N25Q128A11B1241F Datasheet(HTML) 22 Page - Micron Technology

Back Button N25Q128A11B1241F Datasheet HTML 18Page - Micron Technology N25Q128A11B1241F Datasheet HTML 19Page - Micron Technology N25Q128A11B1241F Datasheet HTML 20Page - Micron Technology N25Q128A11B1241F Datasheet HTML 21Page - Micron Technology N25Q128A11B1241F Datasheet HTML 22Page - Micron Technology N25Q128A11B1241F Datasheet HTML 23Page - Micron Technology N25Q128A11B1241F Datasheet HTML 24Page - Micron Technology N25Q128A11B1241F Datasheet HTML 25Page - Micron Technology N25Q128A11B1241F Datasheet HTML 26Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 185 page
background image
SPI Protocols
N25Q128 - 1.8 V
22/185
4.3
Quad SPI (QIO-SPI) protocol
Quad SPI (QIO-SPI) protocol: instructions, addresses, and I/O data are always transmitted
on four data lines DQ0, DQ1, W/VPP(DQ2), and HOLD / (DQ3).
The exception is the Program/Erase cycle performed with the VPP, in which case the device
temporarily goes to Extended SPI protocol. Going temporarily into Extended SPI protocol
allows the application either to:
check the polling bits: WIP bit in the Status Register or Program/Erase Controller bit in
the Flag Status Register
perform Program/Erase suspend functions.
Note:
As soon as the VPP pin voltage goes low, the protocol returns to the QIO-SPI protocol.
In QIO-SPI protocol the W and HOLD/ (RESET) functionality is disabled when the device is
selected (S signal low).
When used in the QIO-SPI mode, these devices can be driven by a micro controller in either
of the two following modes:
CPOL=0, CPHA=0
CPOL=1, CPHA=1
Please refer to the SPI modes for a detailed description of the 2 modes.
Note:
In the Extended SPI protocol only Address and data are allowed to be transmitted on 4 data
lines, However in QIO-SPI protocol, the address, data and instructions are transmitted
across 4 data lines.
This working mode is set in either bit 7 of the Volatile Enhanced Configuration Register
(VECR) or in bit 3 of the Non Volatile Configuration Register (NVCR).
This mode can be set using two ways
Volatile: by setting bit 7 of the VECR to 0, the device enters QIO-SPI protocol
immediately after the Write Enhanced Volatile Configuration Register sequence
completes. The device returns to the default working protocol (defined by the NVCR)
on the next power on.
Default/ Non- Volatile: This is default protocol on power up. By setting bit 3 of the
NVCR to 0, the device enters QIO-SPI protocol on the subsequent power-on. After all
subsequent power-on sequences, the device still starts in QIO-SPI protocol unless bit 3
of the NVCR is set to 1 (default value, corresponding to Extended SPI mode).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn