Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N25Q128A11B1241F Datasheet(PDF) 14 Page - Micron Technology

Part No. N25Q128A11B1241F
Description  128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
Download  185 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo MICRON - Micron Technology

N25Q128A11B1241F Datasheet(HTML) 14 Page - Micron Technology

Back Button N25Q128A11B1241F Datasheet HTML 10Page - Micron Technology N25Q128A11B1241F Datasheet HTML 11Page - Micron Technology N25Q128A11B1241F Datasheet HTML 12Page - Micron Technology N25Q128A11B1241F Datasheet HTML 13Page - Micron Technology N25Q128A11B1241F Datasheet HTML 14Page - Micron Technology N25Q128A11B1241F Datasheet HTML 15Page - Micron Technology N25Q128A11B1241F Datasheet HTML 16Page - Micron Technology N25Q128A11B1241F Datasheet HTML 17Page - Micron Technology N25Q128A11B1241F Datasheet HTML 18Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 185 page
background image
Description
N25Q128 - 1.8 V
14/185
Note:
There is an exposed central pad on the underside of the VDFPN8 package. This is pulled,
internally, to VSS, and must not be connected to any other voltage or signal line on the PCB.
Figure 2.
VDFPN8 connections
1.
Reset functionality available in devices with a dedicated part number. See Section 16: Ordering
information.
Figure 3.
SO16 connections
1.
DU = don’t use.
2.
See Package mechanical section for package dimensions, and how to identify pin-1.
3.
Reset functionality available in devices with a dedicated part number. See Section 16: Ordering
information.
1
AI13720c
2
3
4
8
7
6
5
DQ0
VSS
C
DQ1
S
VCC
HOLD/DQ3
W/V
PP
/DQ2
1
AI13721c
2
3
4
16
15
14
13
DU
DU
DU
DU
VCC
DU
DU
5
6
7
8
12
11
10
9
DQ1
VSS
DU
DU
S
DQ0
C
W/V
PP
/DQ2
HOLD/DQ3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn