Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N25Q128A11B1241F Datasheet(PDF) 71 Page - Micron Technology

Part No. N25Q128A11B1241F
Description  128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
Download  185 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRON [Micron Technology]
Homepage  http://www.micron.com
Logo MICRON - Micron Technology

N25Q128A11B1241F Datasheet(HTML) 71 Page - Micron Technology

Back Button N25Q128A11B1241F Datasheet HTML 67Page - Micron Technology N25Q128A11B1241F Datasheet HTML 68Page - Micron Technology N25Q128A11B1241F Datasheet HTML 69Page - Micron Technology N25Q128A11B1241F Datasheet HTML 70Page - Micron Technology N25Q128A11B1241F Datasheet HTML 71Page - Micron Technology N25Q128A11B1241F Datasheet HTML 72Page - Micron Technology N25Q128A11B1241F Datasheet HTML 73Page - Micron Technology N25Q128A11B1241F Datasheet HTML 74Page - Micron Technology N25Q128A11B1241F Datasheet HTML 75Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 185 page
background image
N25Q128 - 1.8 V
Memory organization
71/185
174
-
AE0000
AEFFFF
173
-
AD0000
ADFFFF
172
-
AC0000
ACFFFF
171
-
AB0000
ABFFFF
170
-
AA0000
AAFFFF
169
-
A90000
A9FFFF
168
-
A80000
A8FFFF
167
-
A70000
A7FFFF
166
-
A60000
A6FFFF
165
-
A50000
A5FFFF
164
-
A40000
A4FFFF
163
-
A30000
A3FFFF
162
-
A20000
A2FFFF
161
-
A10000
A1FFFF
160
-
A00000
A0FFFF
159
-
9F0000
9FFFFF
158
-
9E0000
9EFFFF
157
-
9D0000
9DFFFF
156
-
9C0000
9CFFFF
155
-
9B0000
9BFFFF
154
-
9A0000
9AFFFF
153
-
990000
99FFFF
152
-
980000
98FFFF
151
-
970000
97FFFF
150
-
960000
96FFFF
149
-
950000
95FFFF
148
-
940000
94FFFF
147
-
930000
93FFFF
146
-
920000
92FFFF
145
-
910000
91FFFF
144
-
900000
90FFFF
143
-
8F0000
8FFFFF
142
-
8E0000
8EFFFF
141
-
8D0000
8DFFFF
140
-
8C0000
8CFFFF
Table 14.
Memory organization (top)
Sector
Subsector
Address range


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn