Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPAL20SM60 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FPAL20SM60
Description  Smart Power Module (SPM)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPAL20SM60 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FPAL20SM60 Datasheet HTML 1Page - Fairchild Semiconductor FPAL20SM60 Datasheet HTML 2Page - Fairchild Semiconductor FPAL20SM60 Datasheet HTML 3Page - Fairchild Semiconductor FPAL20SM60 Datasheet HTML 4Page - Fairchild Semiconductor FPAL20SM60 Datasheet HTML 5Page - Fairchild Semiconductor FPAL20SM60 Datasheet HTML 6Page - Fairchild Semiconductor FPAL20SM60 Datasheet HTML 7Page - Fairchild Semiconductor FPAL20SM60 Datasheet HTML 8Page - Fairchild Semiconductor FPAL20SM60 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, February 2002
FPAL20SM60
Smart Power Module (SPM)
General Description
FPAL20SM60 is an advanced smart power module (SPM)
that Fairchild has newly developed and designed to provide
very compact and low cost, yet high performance ac motor
drives mainly targeting medium speed low-power inverter-
driven application like air conditioners. It combines
optimized circuit protection and drive matched to low-loss
IGBTs. Highly effective short-circuit current detection/
protection is realized through the use of advanced current
sensing IGBT chips that allow continuous monitoring of the
IGBTs current. System reliability is further enhanced by the
built-in over-temperature and integrated under-voltage
lock-out protection. The high speed built-in HVIC provides
opto-coupler-less IGBT gate driving capability that further
reduce the overall size of the inverter system design. In
addition the incorporated HVIC facilitates the use of single-
supply drive topology enabling the FPAL20SM60 to be
driven by only one drive supply voltage without negative
bias.
Features
• UL Certified No. E209204
• 600V-20A 3-phase IGBT inverter bridge including control
ICs for gate driving and protection
• Single-grounded power supply due to built-in HVIC
• Typical switching frequency of 7kHz
• Built-in thermistor for over-temperature monitoring
• Inverter power rating of 1.4kW / 100~253 Vac
• Isolation rating of 2500Vrms/min.
• Very low leakage current due to using ceramic substrate
• Adjustable current protection level by varying series
resistor value with sense-IGBTs
Applications
• AC 100V ~ 253V three-phase inverter drive for small
power (1.4kW) ac motor drives
• Home
appliances
applications
requiring
medium
switching frequency operation like air conditioners drive
system
• Application ratings:
- Power : 1.4 kW / 100~253 Vac
- Switching frequency : Typical 7kHz (PWM Control)
- 100% load current : 10A (Irms)
External View and Marking Information
Fig. 1.
55 mm
57 mm
Top View
Bottom View
Marking
Device Name
Version, Lot Code


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FPAL15SM60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM20SH60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor
FPAL20SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSB50450 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM20SM60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor
FPAL30SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL10SH60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL15SH60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL15SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM30SM60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn