Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT46V32M16P-5BJ Datasheet(PDF) 60 Page - Micron Technology

Part # MT46V32M16P-5BJ
Description  Double Data Rate (DDR) SDRAM MT46V128M4 ??32 Meg x 4 x 4 banks MT46V64M8 ??16 Meg x 8 x 4 banks MT46V32M16 ??8 Meg x 16 x 4 banks
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V32M16P-5BJ Datasheet(HTML) 60 Page - Micron Technology

Back Button MT46V32M16P-5BJ Datasheet HTML 56Page - Micron Technology MT46V32M16P-5BJ Datasheet HTML 57Page - Micron Technology MT46V32M16P-5BJ Datasheet HTML 58Page - Micron Technology MT46V32M16P-5BJ Datasheet HTML 59Page - Micron Technology MT46V32M16P-5BJ Datasheet HTML 60Page - Micron Technology MT46V32M16P-5BJ Datasheet HTML 61Page - Micron Technology MT46V32M16P-5BJ Datasheet HTML 62Page - Micron Technology MT46V32M16P-5BJ Datasheet HTML 63Page - Micron Technology MT46V32M16P-5BJ Datasheet HTML 64Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 93 page
background image
PDF: 09005aef80a1d9d4/Source: 09005aef82a95a3a
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DDR_x4x8x16_Core2.fm - 512Mb DDR: Rev. O; Core DDR Rev. D 2/11 EN
60
©2000 Micron Technology, Inc. All rights reserved.
512Mb: x4, x8, x16 DDR SDRAM
Operations
Operating Mode
The normal operating mode is selected by issuing an LMR command with bits A7–An
each set to zero and bits A0–A6 set to the desired values. A DLL reset is initiated by
issuing an LMR command with bits A7 and A9–An each set to zero, bit A8 set to one, and
bits A0–A6 set to the desired values. Although not required by the Micron device, JEDEC
specifications recommend that an LMR command resetting the DLL should always be
followed by an LMR command selecting normal operating mode.
All other combinations of values for A7–An are reserved for future use and/or test
modes. Test modes and reserved states should not be used, as unknown operation or
incompatibility with future versions may result.
Extended Mode Register
The extended mode register controls functions beyond those controlled by the mode
register; these additional functions are DLL enable/disable and output drive strength.
These functions are controlled via the bits shown in Figure 26 on page 61. The extended
mode register is programmed via the LMR command to the mode register (with BA0 = 1
and BA1 = 0) and will retain the stored information until it is programmed again or until
the device loses power. The enabling of the DLL should always be followed by an LMR
command to the mode register (BA0/BA1 = 0) to reset the DLL. The extended mode
register must be loaded when all banks are idle and no bursts are in progress, and the
controller must wait the specified time before initiating any subsequent operation.
Violating either requirement could result in an unspecified operation.
Output Drive Strength
The normal drive strength for all outputs is specified to be SSTL_2, Class II. This option
is intended for the support of the lighter load and/or point-to-point environments. The
selection of the reduced drive strength will alter the DQ and DQS pins from SSTL_2,
Class II drive strength to a reduced drive strength, which is approximately 54% of the
SSTL_2, Class II drive strength.
DLL Enable/Disable
When the part is running without the DLL enabled, device functionality may be altered.
The DLL must be enabled for normal operation. DLL enable is required during power-
up initialization and upon returning to normal operation after having disabled the DLL
for the purpose of debug or evaluation (when the device exits self refresh mode, the DLL
is enabled automatically). Anytime the DLL is enabled, 200 clock cycles with CKE HIGH
must occur before a READ command can be issued.
Table 37:
CAS Latency
Speed
Allowable Operating Clock Frequency (MHz)
CL = 2
CL = 2.5
CL = 3
-5B
75
≤ f ≤ 133
75
≤ f ≤ 167
133
≤ f ≤ 200
-6/-6T
75
≤ f ≤ 133
75
≤ f ≤ 167
-75E
75
≤ f ≤ 133
75
≤ f ≤ 133
-75Z
75
≤ f ≤ 133
75
≤ f ≤ 133
-75
75
≤ f ≤ 100
75
≤ f ≤ 133


Similar Part No. - MT46V32M16P-5BJ

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
More results

Similar Description - MT46V32M16P-5BJ

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC32M16A2P-75ITC MICRON-MT48LC32M16A2P-75ITC Datasheet
3Mb / 77P
   SDR SDRAM MT48LC128M4A2 ??32 Meg x 4 x 4 banks MT48LC64M8A2 ??16 Meg x 8 x 4 banks MT48LC32M16A2 ??8 Meg x 16 x 4 banks
MT47H64M8CF-25EG MICRON-MT47H64M8CF-25EG Datasheet
9Mb / 132P
   DDR2 SDRAM MT47H128M4 ??32 Meg x 4 x 4 banks MT47H64M8 ??16 Meg x 8 x 4 banks MT47H32M16 ??8 Meg x 16 x 4 banks
MT48LC16M16A2P-75DTR MICRON-MT48LC16M16A2P-75DTR Datasheet
3Mb / 86P
   SDR SDRAM MT48LC64M4A2 ??16 Meg x 4 x 4 banks MT48LC32M8A2 ??8 Meg x 8 x 4 banks MT48LC16M16A2 ??4 Meg x 16 x 4 banks
MT41J64M16JT-125G MICRON-MT41J64M16JT-125G Datasheet
2Mb / 214P
   DDR3 SDRAM MT41J256M4 ??32 Meg x 4 x 8 banks MT41J128M8 ??16 Meg x 8 x 8 banks MT41J64M16 ??8 Meg x 16 x 8 banks
MT47H64M16HR-25EITH MICRON-MT47H64M16HR-25EITH Datasheet
9Mb / 134P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT47H128M16RT-25EITC MICRON-MT47H128M16RT-25EITC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H128M16RT-25EC MICRON-MT47H128M16RT-25EC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H64M16HR-25H MICRON-MT47H64M16HR-25H Datasheet
1Mb / 132P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT41J128M16HA-15ED MICRON-MT41J128M16HA-15ED Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
MT41J128M16JT-125K MICRON-MT41J128M16JT-125K Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 64 Meg x 4 x 8 Banks MT41J256M8 32 Meg x 8 x 8 Banks MT41J128M16 16 Meg x 16 x 8 Banks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com