Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPAL20SL60 Datasheet(PDF) 13 Page - Fairchild Semiconductor

Part No. FPAL20SL60
Description  Smart Power Module (SPM)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPAL20SL60 Datasheet(HTML) 13 Page - Fairchild Semiconductor

Back Button FPAL20SL60 Datasheet HTML 9Page - Fairchild Semiconductor FPAL20SL60 Datasheet HTML 10Page - Fairchild Semiconductor FPAL20SL60 Datasheet HTML 11Page - Fairchild Semiconductor FPAL20SL60 Datasheet HTML 12Page - Fairchild Semiconductor FPAL20SL60 Datasheet HTML 13Page - Fairchild Semiconductor FPAL20SL60 Datasheet HTML 14Page - Fairchild Semiconductor FPAL20SL60 Datasheet HTML 15Page - Fairchild Semiconductor FPAL20SL60 Datasheet HTML 16Page - Fairchild Semiconductor FPAL20SL60 Datasheet HTML 17Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, February 2002
P1 : Normal operation - IGBT ON and conducting currents
P2 : Short-circuit current detection
P3 : IGBT gate interrupt / Fault signal generation
P4 : IGBT is slowly turned off
P5 : IGBT OFF signal
P6 : IGBT ON signal - but IGBT cannot be turned on during the fault-output activation
P7 : IGBT OFF state
P8 : Fault-output reset and normal operation start
Fig. 14. Short-circuit Current Protection (Low-side Operation only)
Note
It would be recommended that by-pass capacitors for the gating input signals, IN(XX) should be placed on the SPM pins and on the both sides of CPU and SPM
for the fault output signal, VFO, as close as possible.
Fig. 15. Recommended CPU I/O Interface Circuit
Internal IGBT
Gate-Emitter Voltage
Input Signal
Output Current
Sensing Voltage
Fault Output Signal
P1
P2
P3
P4
P6
P5
P7
P8
SC Reference
Voltage (0.5V)
RC Filter Delay
SC Detection
CPU
CO M
5V-Line
1.2nF
0.47nF
1nF
4.7k
4.7k
4.7k
,,
IN (UL) IN (VL)
IN(WL)
,,
IN(UH) IN(VH) IN(WH)
VFO
FPAL20SL60
100
100
100
1nF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FPAL15SM60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM20SH60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor
FPAL20SM60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSB50450 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM20SM60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor
FPAL30SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL10SH60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL15SH60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FPBL15SL60 Smart Power Module SPM 1  2  3  4  5  More Fairchild Semiconductor
FSBM30SM60A SPM Smart Power Module 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn