Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPAL15SM60 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FPAL15SM60
Description  Smart Power Module (SPM)
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FPAL15SM60 Datasheet(HTML) 2 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, February 2002
Integrated Power Functions
• 600V-15A IGBT inverter for three-phase DC/AC power conversion (Please refer to Fig. 3)
Integrated Drive, Protection and System Control Functions
• For inverter high-side IGBTs: Gate drive circuit, High voltage isolated high-speed level shifting
Control circuit under-voltage (UV) protection
Note) Available bootstrap circuit example is given in Figs. 11, 16 and 17.
• For inverter low-side IGBTs: Gate drive circuit, Short circuit protection (SC)
Control supply circuit under-voltage (UV) protection
• Temperature Monitoring: System over-temperature monitoring using built-in thermistor
Note) Available temperature monitoring circuit is given in Fig. 17.
• Fault signaling: Corresponding to a SC fault (Low-side IGBTs) or a UV fault (Low-side supply)
• Input interface: 5V CMOS/LSTTL compatible, Schmitt trigger input
Pin Configuration
Fig. 2.
Pin Descriptions
Pin Number
Pin Name
Pin Description
1VCC(L)
Low-side Common Bias Voltage for IC and IGBTs Driving
2COM(L)
Low-side Common Supply Ground
3IN(UL)
Signal Input Terminal for Low-side U Phase
4IN(VL)
Signal Input Terminal for Low-side V Phase
5IN(WL)
Signal Input Terminal for Low-side W Phase
6VFO
Fault Output Terminal
7CFOD
Capacitor for Fault Output Duration Time Selection
8CSC
Capacitor (Low-pass Filter) for Short-current Detection Input
9RSC
Resistor for Short-circuit Current Detection
10
NC
NO Connection
11
VTH
Thermistor Bias Voltage
12
RTH
Series Resistor for the Use of Thermistor (Temperature Detection)
13
W
Output Terminal for W Phase
14
V
Output Terminal for V Phase
15
U
Output Terminal for U Phase
VCC(L)
COM(L)
IN(UL)
IN(VL)
IN(WL)
VFO
CFOD
CSC
RSC
NC
VTH
RTH
WV
U
N
P
VS(U)
VB(U)
VCC(UH)
IN(UH)
VS(V)
VB(V)
VCC(VH)
IN(VH)
COM(H)
VS(W)
VB(W)
VCC(WH)
IN(WH)
Top View


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FPAL20SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM20SH60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor
FPAL20SM60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSB50450Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM20SM60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor
FPAL30SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPBL10SH60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPBL15SH60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPBL15SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM30SM60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn