Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC28F00AP30TFA Datasheet(PDF) 34 Page - Micron Technology

Part # PC28F00AP30TFA
Description  Numonyx짰 Axcell??P30-65nm Flash Memory 512-Mbit, 1-Gbit , 2-Gbit
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

PC28F00AP30TFA Datasheet(HTML) 34 Page - Micron Technology

Back Button PC28F00AP30TFA Datasheet HTML 30Page - Micron Technology PC28F00AP30TFA Datasheet HTML 31Page - Micron Technology PC28F00AP30TFA Datasheet HTML 32Page - Micron Technology PC28F00AP30TFA Datasheet HTML 33Page - Micron Technology PC28F00AP30TFA Datasheet HTML 34Page - Micron Technology PC28F00AP30TFA Datasheet HTML 35Page - Micron Technology PC28F00AP30TFA Datasheet HTML 36Page - Micron Technology PC28F00AP30TFA Datasheet HTML 37Page - Micron Technology PC28F00AP30TFA Datasheet HTML 38Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 86 page
background image
P30-65nm
Datasheet
Sept 2012
34
Order Number: 208042-0
6
11.0
Register
When non-array reads are performed in asynchronous page mode, only the first data is
valid and all subsequent data are undefined. When a non-array read operation occurs
as synchronous burst mode, the same word of data requested will be output on
successive clock edges until the burst length requirements are satisfied.
11.1
Status Register (SR)
The Status Register provides the ready/busy information of the device, as well as the
error information about the program, erase, VPP and block-locked operations. please
refer to Section 7.4, “Read Status Register” on page 23 and Section 7.5, “Clear Status
Register” on page 23 for detail operations.
Notes:
1.
Always clear the Status Register prior to resuming erase operations. It avoids Status Register ambiguity when issuing
commands during Erase Suspend. If a command sequence error occurs during an erase-suspend state, the Status Register
contains the command sequence error status (SR[7,5,4] set). When the erase operation resumes and finishes, possible
errors during the erase operation cannot be detected via the Status Register because it contains the previous error status
2.
BEFP mode is only valid in array.
Table 12: Status Register Description
Status Register (SR)
Default Value = 0x80
Device Write
Status
Erase Suspend
Status
Erase Status
Program
Status
VPP Status
Program
Suspend
Status
Block-Locked
Status
BEFP
Write
Status
DWS
ESS
ES
PS
VPPS
PSS
BLS
BWS
7
6
54
321
0
Bit
Name
Description
7
Device Write Status (DWS)
0 = Device is busy; program or erase cycle in progress; SR.0 valid.
1 = Device is ready; SR[6:1] are valid.
6
Erase Suspend Status (ESS)
0 = Erase suspend not in effect.
1 = Erase suspend in effect.
5
Erase Status
(ES)
Command
Sequence
Error
SR.5
SR.4
Description
4
Program
Status (PS)
0
0
1
1
0
1
0
1
Program or Erase operation successful.
Program error - operation aborted.
Erase error - operation aborted.
Command sequence error - command aborted.
3
VPP Status (VPPS)
0 = VPP within acceptable limits during program or erase operation.
1 = VPP
VPPLK during program or erase operation.
2
Program Suspend Status (PSS)
0 = Program suspend not in effect.
1 = Program suspend in effect.
1
Block-Locked Status (BLS)
0 = Block not locked during program or erase.
1 = Block locked during program or erase; operation aborted.
0BEFP Write Status (BWS)
After Buffered Enhanced Factory Programming (BEFP) data is loaded into the
buffer:
0 = BEFP complete.
1 = BEFP in-progress.


Similar Part No. - PC28F00AP30TFA

ManufacturerPart #DatasheetDescription
logo
Micron Technology
PC28F00AP30TF MICRON-PC28F00AP30TF Datasheet
1Mb / 92P
   Micron Parallel NOR Flash Embedded Memory (P30-65nm)
PC28F00AP30TF MICRON-PC28F00AP30TF Datasheet
1Mb / 92P
   Micron Parallel NOR Flash Embedded Memory (P30-65nm)
More results

Similar Description - PC28F00AP30TFA

ManufacturerPart #DatasheetDescription
logo
Micron Technology
JS28F640P30TF75A MICRON-JS28F640P30TF75A Datasheet
1Mb / 90P
   Numonyx짰 Axcell??P30-65nm Flash Memory
PC28F00BP30EFA MICRON-PC28F00BP30EFA Datasheet
11Mb / 86P
   Numonyx짰 Axcell??P30-65nm Flash Memory
JS28F128P30TF75A MICRON-JS28F128P30TF75A Datasheet
1Mb / 90P
   Numonyx Axcell P30-65nm Flash Memory
JS28F512P30TFA MICRON-JS28F512P30TFA Datasheet
11Mb / 86P
   Numonyx Axcell P30-65nm Flash Memory
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
logo
Elite Semiconductor Mem...
F50L2G41LB ESMT-F50L2G41LB Datasheet
1Mb / 50P
   3.3V 2 Gbit (2 x 1 Gbit) SPI-NAND Flash Memory
logo
Micron Technology
PC28F640P33BF60A MICRON-PC28F640P33BF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory
logo
Numonyx B.V
PC28F128P33BF60A NUMONYX-PC28F128P33BF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory
logo
Cypress Semiconductor
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
   1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com