Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC28F00AP30TFA Datasheet(PDF) 13 Page - Micron Technology

Part # PC28F00AP30TFA
Description  Numonyx짰 Axcell??P30-65nm Flash Memory 512-Mbit, 1-Gbit , 2-Gbit
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

PC28F00AP30TFA Datasheet(HTML) 13 Page - Micron Technology

Back Button PC28F00AP30TFA Datasheet HTML 9Page - Micron Technology PC28F00AP30TFA Datasheet HTML 10Page - Micron Technology PC28F00AP30TFA Datasheet HTML 11Page - Micron Technology PC28F00AP30TFA Datasheet HTML 12Page - Micron Technology PC28F00AP30TFA Datasheet HTML 13Page - Micron Technology PC28F00AP30TFA Datasheet HTML 14Page - Micron Technology PC28F00AP30TFA Datasheet HTML 15Page - Micron Technology PC28F00AP30TFA Datasheet HTML 16Page - Micron Technology PC28F00AP30TFA Datasheet HTML 17Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
Datasheet
Sept 2012
13
Order Number:208042-0
6
P30-65nm
Notes:
1.
A1 is the least significant address bit.
2.
A25 is valid for 512-Mbit densities and above; otherwise, it is a no connect.
3.
A26 is valid for 1-Gbit densities and above; otherwise, it is a no connect.
4.
A27 is valid for 2-Gbit densities; otherwise, it is a no connect.
5.
One dimple on package denotes A1 Pin which will always be in the upper left corner of the package, in reference to the
product mark.
Figure 6: 64-Ball Easy BGA Ballout (512-Mbit, 1-Gbit, 2-Gbit)
1
8
234
5
67
Easy BGA
Top View- Ball side down
Easy BGA
Bottom View- Ball side up
1
8
2
3
4
5
6
7
H
G
F
E
D
C
B
A
H
G
F
E
D
C
A
A2
VSS
A9
A14
CE#
A19 A26
A25
A27
VSS VCC
DQ13
VSS
DQ7
A24
VSS
A3
A7
A10
A15
A12
A20
A21
WP#
A4
A5
A11
VCCQ
RST#
A16
A17
VCCQ
RFU
DQ8
DQ1 DQ9
DQ4
DQ3
DQ15
CLK
RFU
OE#
DQ0 DQ10
DQ12
DQ11
WAIT
ADV#
WE#
A23
RFU DQ2
DQ5
VCCQ
DQ14
DQ6
A1
A6
A8
A13
VPP
A18
A22
VCC
A23
A4
A5
A11
VCCQ RST#
A16
A17
VCCQ
A1
A6
A8
A13
VPP
A18
A22
VCC
A3
A7
A10
A15
A12
A20
A21
WP#
RFU
DQ8
DQ1
DQ9
DQ4 DQ3
DQ15 CLK
RFU
OE#
DQ0
DQ10
DQ12 DQ11
WAIT ADV#
WE#
RFU
DQ2
DQ5 VCCQ
DQ14 DQ6
A2
VSS
A9
A14
CE#
A19
A26
A25
A27
VSS
VCC
DQ13 VSS
DQ7
A24
VSS
B


Similar Part No. - PC28F00AP30TFA

ManufacturerPart #DatasheetDescription
logo
Micron Technology
PC28F00AP30TF MICRON-PC28F00AP30TF Datasheet
1Mb / 92P
   Micron Parallel NOR Flash Embedded Memory (P30-65nm)
PC28F00AP30TF MICRON-PC28F00AP30TF Datasheet
1Mb / 92P
   Micron Parallel NOR Flash Embedded Memory (P30-65nm)
More results

Similar Description - PC28F00AP30TFA

ManufacturerPart #DatasheetDescription
logo
Micron Technology
JS28F640P30TF75A MICRON-JS28F640P30TF75A Datasheet
1Mb / 90P
   Numonyx짰 Axcell??P30-65nm Flash Memory
PC28F00BP30EFA MICRON-PC28F00BP30EFA Datasheet
11Mb / 86P
   Numonyx짰 Axcell??P30-65nm Flash Memory
JS28F128P30TF75A MICRON-JS28F128P30TF75A Datasheet
1Mb / 90P
   Numonyx Axcell P30-65nm Flash Memory
JS28F512P30TFA MICRON-JS28F512P30TFA Datasheet
11Mb / 86P
   Numonyx Axcell P30-65nm Flash Memory
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
logo
Elite Semiconductor Mem...
F50L2G41LB ESMT-F50L2G41LB Datasheet
1Mb / 50P
   3.3V 2 Gbit (2 x 1 Gbit) SPI-NAND Flash Memory
logo
Micron Technology
PC28F640P33BF60A MICRON-PC28F640P33BF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory
logo
Numonyx B.V
PC28F128P33BF60A NUMONYX-PC28F128P33BF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory
logo
Cypress Semiconductor
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
   1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com