Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPAL15SH60 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FPAL15SH60
Description  Smart Power Module (SPM)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPAL15SH60 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FPAL15SH60 Datasheet HTML 5Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 6Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 7Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 8Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 9Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 10Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 11Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 12Page - Fairchild Semiconductor FPAL15SH60 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. C3, February 2002
Fig. 7. R-T Curve of The Built-in Thermistor
Fig. 8. Relationship between Sensing Resistor and SC Trip Current
for Short-Circuit Protection
(ISC = 82 ×
××× Rating Current(15A) / R
SC)
20
30
40
50
60
70
80
90
100
110
120
130
0
10
20
30
40
50
60
70
R-T Curve
Temperature [℃]
10
20
30
40
50
60
70
80
90
10
20
30
40
50
60
70
80
90
Sensing Resistor R
SC []


Similar Part No. - FPAL15SH60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPAL15SM60 FAIRCHILD-FPAL15SM60 Datasheet
357Kb / 17P
   Smart Power Module (SPM)
More results

Similar Description - FPAL15SH60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB50325S FAIRCHILD-FSB50325S Datasheet
149Kb / 8P
   Smart Power Module (SPM)
FSB50250S FAIRCHILD-FSB50250S Datasheet
163Kb / 8P
   Smart Power Module (SPM)
FPAL30SL60 FAIRCHILD-FPAL30SL60 Datasheet
679Kb / 17P
   Smart Power Module (SPM)
FSAM10SM60A FAIRCHILD-FSAM10SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSAM10SH60A FAIRCHILD-FSAM10SH60A Datasheet
1Mb / 16P
   SPM (Smart Power Module)
FSBM10SH60 FAIRCHILD-FSBM10SH60 Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSB50450 FAIRCHILD-FSB50450 Datasheet
340Kb / 8P
   Smart Power Module (SPM)
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPBL20SL60 FAIRCHILD-FPBL20SL60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FPBL20SM60 FAIRCHILD-FPBL20SM60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FSBM15SH60A FAIRCHILD-FSBM15SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com