Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAJ0BC0WFP-E2 Datasheet(PDF) 7 Page - Rohm

Part # BAJ0BC0WFP-E2
Description  1A Variable/Fixed Output LDO Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BAJ0BC0WFP-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BAJ0BC0WFP-E2 Datasheet HTML 3Page - Rohm BAJ0BC0WFP-E2 Datasheet HTML 4Page - Rohm BAJ0BC0WFP-E2 Datasheet HTML 5Page - Rohm BAJ0BC0WFP-E2 Datasheet HTML 6Page - Rohm BAJ0BC0WFP-E2 Datasheet HTML 7Page - Rohm BAJ0BC0WFP-E2 Datasheet HTML 8Page - Rohm BAJ0BC0WFP-E2 Datasheet HTML 9Page - Rohm BAJ0BC0WFP-E2 Datasheet HTML 10Page - Rohm BAJ0BC0WFP-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/16
BAxxBC0 Series
BAxxBC0W Series
BA00BC0WCP-V5
Datasheet
TSZ02201-0R6R0A600120-1-2
TSZ22111・15・001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
26.Jun.2012 Rev.001
●Typical Performance Curves - continued
Fig.13
CTL Voltage vs Output Voltage
Fig.12
Circuit Current Classified by Load
Fig.14
CTL Voltage vs CTL Current
[BA50BC0WFP]
0
0.1
0.2
0.3
0.4
0.5
0.6
0
2
4
6
8
10
12
14
16
18
CONTROL VOLTAGE : V CTL [V]
[BA50BC0WFP]
Fig.15
Thermal Shutdown Circuit
[BA50BC0WFP]


Similar Part No. - BAJ0BC0WFP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BAJ0BC0WFP-E2 ROHM-BAJ0BC0WFP-E2 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results

Similar Description - BAJ0BC0WFP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com