Electronic Components Datasheet Search |
|
BAJ0BC0WFP-E2 Datasheet(PDF) 3 Page - Rohm |
|
BAJ0BC0WFP-E2 Datasheet(HTML) 3 Page - Rohm |
3 / 19 page 3/16 BAxxBC0 Series BAxxBC0W Series BA00BC0WCP-V5 Datasheet TSZ02201-0R6R0A600120-1-2 TSZ22111・15・001 www.rohm.com © 2012 ROHM Co., Ltd. All rights reserved. 26.Jun.2012 Rev.001 ●Block Diagrams / Standard Example Application Circuits / Pin Configurations / Pin Descriptions [BAxxBC0T] / [BAxxBC0FP] [BAxxBC0WT] / [BAxxBC0WT-V5] / [BAxxBC0WFP] Fig.1 [BA00BC0WT] / [BA00BC0WCP-V5] / [BA00BC0WFP] / [BA00BC0WT-V5] Fig.2 Fig.3 Pin No. Pin name Function 1 CTL Output voltage on/off control 2 Vcc Supply voltage input 3 N.C./GND NC pin/GND*1 4 OUT Power supply output 5 N.C. NC pin FIN GND GND*2 *1 NC pin for TO252-5 and GND pin for TO220FP-5 and TO220FP-5 (V5). *2 TO252-5 only. Pin No. Pin name Function 1 Vcc Supply voltage input 2 N.C./GND NC pin/GND *1 3 OUT Voltage output FIN GND GND*2 *1 NC pin for TO252-3 and GND pin for TO220FP-3 and TO220FP-5 (V5). *2 TO252-3 only. TSD OCP Driver Vref 1 0.33 μF CTL GND(TO252-5) OUT Fin 4 22 μF 2 Vcc N.C. 5 Vcc R2 R1 3 N.C. (TO252-5) GND (TO220FP-5, -5(V5) TSD OCP Driver Vref 1 0.33 μF CTL GND(TO252-5) OUT Fin 4 22 μF 2 Vcc C 5 Vcc R2 R1 3 N.C. (TO252-5) GND (TO220FP-5, -5(V5) Pin No. Pin name Function 1 CTL Output voltage on/off control 2 Vcc Supply voltage input 3 N.C./GND NC pin/GND*1 4 OUT Power supply output 5 C ADJ pin FIN GND GND*2 *1 NC pin for TO252-5 and GND pin for TO220FP-5 and TO220FP-5 (V5). *2 TO252-5 only. 1 23 45 12 34 5 TO220FP-5 TO220FP-5 (V5) 1 2 3 4 5 12 34 5 TO220FP-5 TO220FP-5 (V5) TO220FP-3 12 3 TO252-3 TOP VIEW 1 2 3 TO252-5 TOP VIEW TOP VIEW PIN External capacitor setting range Vcc (1Pin) Approximately 0.33 μF. OUT (3Pin) 22 μF to 1000μF PIN External capacitor setting range Vcc (2Pin) Approximately 0.33 μF. OUT (4Pin) 22 μF to 1000μF PIN External capacitor setting range Vcc (2Pin) Approximately 0.33 μF. OUT (4Pin) 22 μF to 1000μF TO220CP-V5 TO252-5 FIN 1 2 3 4 5 FIN 1 2 3 4 5 1 2 3 4 5 TSD OCP Driver Vref 1 Vcc N.C. OUT 2 3 22μF GND Fin 0.33μF (TO252-3) GND (TO252-3) R1 R2 (TO220FP-3, TO220FP-5(V5)) |
Similar Part No. - BAJ0BC0WFP-E2 |
|
Similar Description - BAJ0BC0WFP-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |