Electronic Components Datasheet Search |
|
BAJ0BC0WFP-E2 Datasheet(PDF) 1 Page - Rohm |
|
BAJ0BC0WFP-E2 Datasheet(HTML) 1 Page - Rohm |
1 / 19 page Datasheet ○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays. 1/16 TSZ02201-0R6R0A600120-1-2 TSZ22111・14・001 www.rohm.com © 2012 ROHM Co., Ltd. All rights reserved. 26.Jun.2012 Rev.001 1A Variable/Fixed Output LDO Regulators BAxxBC0 Series(Fixed) BAxxBC0W Series(Fixed) BA00BC0WCP-V5(Variable) ●General Description The BAxxBC0 are low-saturation regulators with an output current of 1.0 A and an output voltage accuracy of ±2%. A broad output voltage range is offered, from 1.5V to 10V, and built-in overcurrent protection and thermal shutdown (TSD) circuits prevent damage due to short-circuiting and overloading, respectively. ●Features Output voltage accuracy: ±2% Broad output range available: 1.5 V -10 V (BAxxBC0 series) Low saturation-voltage type with PNP output Built-in overcurrent protection circuit Built-in thermal shutdown circuit Integrated shutdown switch (BAxxBC0WT, BAxxBC0WT-5, or BAxxBC0WFP Series, BA00BC0WCP-V5) ●Key Specifications Input Power Supply Voltage: 16.0V(Max.) Output voltage:(BA00BC0xx) Variable (BAxxBC0) Fixed Output current: 1A(Max.) Shutdown current: 0 μA(Typ.) Operating temperature range: -40℃ to +105℃ ●Applications All electronic devices that use microcontrollers and logic circuits ●Packages W (Typ.) x D (Typ.) x H (Max.) TO252-3 6.50mm x 9.50mm x 2.50mm TO252-5 6.50mm x 9.50mm x 2.50mm TO220CP-V5 10.00mm x 20.12mm x 4.60mm TO220FP-3 10.00mm x 30.50mm x 4.60mm TO220FP-5 10.00mm x 30.50mm x 4.60mm TO220FP-5(V5) 10.00mm x 31.50mm x 8.15mm ●Lineup Matrix Part Number Output Voltage (V) Package 1.5 1.8 2.5 3.0 3.3 5.0 6.0 7.0 8.0 9.0 10.0 Variable BAxxBC0WT TO220FP-5 BAxxBC0WT-V5 - - - - - TO220FP-5 (V5) BAxxBC0WFP TO252-5 BAxxBC0T - TO220FP-3 BAxxBC0FP - TO252-3 BA00BC0WCP-V5 - - - - - - - - - - - TO220CP-V5 TO220CP-V5 TO220FP-3 TO220FP-5 TO220FP-5 (V5) TO252-3 TO252-5 |
Similar Part No. - BAJ0BC0WFP-E2 |
|
Similar Description - BAJ0BC0WFP-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |