Electronic Components Datasheet Search |
|
BA90BC0WFP-E2 Datasheet(PDF) 4 Page - Rohm |
|
BA90BC0WFP-E2 Datasheet(HTML) 4 Page - Rohm |
4 / 19 page 4/16 BAxxBC0 Series BAxxBC0W Series BA00BC0WCP-V5 Datasheet TSZ02201-0R6R0A600120-1-2 TSZ22111・15・001 www.rohm.com © 2012 ROHM Co., Ltd. All rights reserved. 26.Jun.2012 Rev.001 ●Absolute Maximum Ratings (Ta = 25°C) Parameter Symbol Limits Unit Power supply voltage VCC 18*1 V Power dissipation TO252-3 Pd 1200*2 mW TO252-5 1300*3 TO220FP-3 2000*4 TO220FP-5 2000*4 TO220FP-5 (V5) 2000*4 TO220CP-V5 2000*4 Operating temperature range Topr −40 to +105 °C Ambient storage temperature Tstg −55 to +150 °C Maximum junction temperature Tjmax 150 °C *1 Must not exceed Pd. *2 Derated at 9.6mW/°C at Ta>25°C when mounted on a glass epoxy board (70 mm × 70 mm × 1.6 mm). *3 Derated at 10.4mW/°C at Ta>25°C when mounted on a glass epoxy board (70 mm × 70 mm × 1.6 mm). *4 Derated at 16mW/°C at Ta> 25°C ●Recommended Operating Ratings Parameter Symbol Min. Max. Unit Input power supply voltage VCC*5 3.0 16.0 V Input power supply voltage VCC*6 Vo+1.0 16.0 V Output current IO - 1 A Variable output voltage setting value VO 1.5 12 V *5 When output voltage is 1.5 V, 1.8 V, or 2.5 V. *6 When output voltage is 3.0 V or higher. ●Electrical Characteristics BAxxBC0 Series BAxxBC0W Series (Unless otherwise specified, Ta = 25°C; VCTL = 3 V; VCCDC*7) Parameter Symbol Min. Typ. Max. Unit Conditions Output voltage VO VO (T) ×0.98 VO (T) VO (T) × 1.02 V Io = 200mA Shutdown circuit current Isd - 0 10 μA VCTL = 0 V while in off mode Minimum I/O voltage difference *8 ∆Vd - 0.3 0.5 V Io = 200mA ,Vcc = 0.95 × Vo Output current capacity IO 1 - - A Input stability *9 Reg.I - 15 35 mV Vcc= Vo+1.0V→16V, Io = 200mA Load stability Reg.L - 35 75 mV Io = 0mA →1 A Temperature coefficient of output voltage *10 Tcvo - ±0.02 - %/°C Io = 5mA 、Tj = 0°C to 125℃ Vo (T): Set output voltage *7 Vo = 1.5 V, 1.8 V, 2.5 V : Vcc = 3.3 V, Vo = 3.0 V, 3.3 V : Vcc = 5 V, Vo = 5.0 V : Vcc : 8 V, Vo = 6.0 V : Vcc = 9 V, Vo = 8.0 V : Vcc = 11 V, Vo = 9.0 V : Vcc = 12 V, Vo = 10.0 V : Vcc = 13 V *8 Vo ≥ 3.3 V *9 Change Vcc from 3.0 V to 6 V if 1.5 V ≤ Vo ≤ 2.5 V. *10 Not 100% tested BA00BC0W Series (Unless otherwise specified, Ta=25℃, Vcc=3.3V, VCTL=3V, Io=200mA, Vo=2.5V setting) Parameter Symbol Min. Typ. Max. Unit Conditions Shutdown circuit current Isd - 0 10 μA VCTL = 0V while in OFF mode Bias Current Ib - 0.5 0.9 mA IO = 0mA Reference voltage(CTL terminal) Vc 1.225 1.250 1.275 V IO = 50mA Minimum I/O voltage difference ∆Vd - 0.3 0.5 V IO = 500mA, VCC = 2.5V Output current capacity Io 1 - - A Ripple Rejection R.R. 44 55 - dB f=120Hz, ein ※12=-20dBV, Io=100mA Input stability Reg.I - 15 30 mV Vcc = Vo + 1.0 V→16V, Io = 200mA Load stability Reg.L - 35 75 mV IO = 0mA →1A Temperature coefficient of output voltage *11 Tcvo - ±0.02 - %/°C IO = 5mA, Tj=0°C to 125°C Output Short Current Ios - 0.40 - A Vcc=16V CTL ON Mode Voltage Vth1 2.0 - - V ACTIVE MODE, IO = 0mA CTL OFF Mode Voltage Vth2 - - 0.8 V OFF MODE, IO = 0mA CTL Input Current Iin 40 80 130 μA IO = 0mA *11 Not 100% tested *12 ein=Input Voltage Ripple |
Similar Part No. - BA90BC0WFP-E2 |
|
Similar Description - BA90BC0WFP-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |