Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-EG3B-WX0DD Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-EG3B-WX0DD
Description  New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EG3B-WX0DD Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-EG3B-WX0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3B-WX0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3B-WX0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3B-WX0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3B-WX0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3B-WX0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3B-WX0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3B-WX0DD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3B-WX0DD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
0
Packaging Box for Ammo Packs
Note: The dimension for ammo pack is applicable for the device with standoff and without standoff.
Packaging Label:
(i) Avago Mother Label: (Available on packaging box of ammo pack and shipping box)
(1P) Item: Part Number
(1T) Lot: Lot Number
LPN:
(9D)MFG Date: Manufacturing Date
(P) Customer Item:
(V) Vendor ID:
DeptID:
Made In: Country of Origin
(Q) QTY: Quantity
CAT: Intensity Bin
BIN: Refer to below information
(9D) Date Code: Date Code
STANDARD LABEL LS0002
RoHS Compliant
e3
max temp 260C
(1P) PART #: Part Number
(1T) LOT #: Lot Number
(9D)MFG DATE: Manufacturing Date
C/O: Country of Origin
Customer P/N:
Supplier Code:
QUANTITY: Packing Quantity
CAT: Intensity Bin
BIN: Refer to below information
DATECODE: Date Code
RoHS Compliant
e3
max temp 260C
Lamps Baby Label


Similar Part No. - HLMP-EG3B-WX0DD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG3B-WX0DV AVAGO-HLMP-EG3B-WX0DV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
More results

Similar Description - HLMP-EG3B-WX0DD

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL12-VY0DD AVAGO-HLMP-EL12-VY0DD Datasheet
462Kb / 11P
   T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL1A-Z1KDV AVAGO-HLMP-EL1A-Z1KDV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
logo
Unity Opto Technology
MVL-5C4UYL UOT-MVL-5C4UYL Datasheet
39Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-5A4UG UOT-MVL-5A4UG Datasheet
36Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-544UG UOT-MVL-544UG Datasheet
35Kb / 2P
   T-1 3/4 ( f 5mm) HIGH POWER AlInGaP LED LAMPs
MVL-5A4UYL UOT-MVL-5A4UYL Datasheet
38Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
logo
Visual Communications C...
4304H6 VCC-4304H6 Datasheet
58Kb / 1P
   Solid State LED Lamps-High Brightness T-1 3/4 (5mm)
logo
Unity Opto Technology
MVL-5A4SO UOT-MVL-5A4SO Datasheet
39Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com