Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA80BC0WFP-E2 Datasheet(PDF) 3 Page - Rohm

Part # BA80BC0WFP-E2
Description  1A Variable/Fixed Output LDO Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA80BC0WFP-E2 Datasheet(HTML) 3 Page - Rohm

  BA80BC0WFP-E2 Datasheet HTML 1Page - Rohm BA80BC0WFP-E2 Datasheet HTML 2Page - Rohm BA80BC0WFP-E2 Datasheet HTML 3Page - Rohm BA80BC0WFP-E2 Datasheet HTML 4Page - Rohm BA80BC0WFP-E2 Datasheet HTML 5Page - Rohm BA80BC0WFP-E2 Datasheet HTML 6Page - Rohm BA80BC0WFP-E2 Datasheet HTML 7Page - Rohm BA80BC0WFP-E2 Datasheet HTML 8Page - Rohm BA80BC0WFP-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/16
BAxxBC0 Series
BAxxBC0W Series
BA00BC0WCP-V5
Datasheet
TSZ02201-0R6R0A600120-1-2
TSZ22111・15・001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
26.Jun.2012 Rev.001
●Block Diagrams / Standard Example Application Circuits / Pin Configurations / Pin Descriptions
[BAxxBC0T] / [BAxxBC0FP]
[BAxxBC0WT] / [BAxxBC0WT-V5] / [BAxxBC0WFP]
Fig.1
[BA00BC0WT] / [BA00BC0WCP-V5] / [BA00BC0WFP] / [BA00BC0WT-V5]
Fig.2
Fig.3
Pin No.
Pin name
Function
1
CTL
Output voltage on/off control
2
Vcc
Supply voltage input
3
N.C./GND
NC pin/GND*1
4
OUT
Power supply output
5
N.C.
NC pin
FIN
GND
GND*2
*1 NC pin for TO252-5 and GND pin for TO220FP-5 and TO220FP-5
(V5).
*2 TO252-5 only.
Pin No.
Pin name
Function
1
Vcc
Supply voltage input
2
N.C./GND
NC pin/GND *1
3
OUT
Voltage output
FIN
GND
GND*2
*1 NC pin for TO252-3 and GND pin for TO220FP-3 and TO220FP-5
(V5).
*2 TO252-3 only.
TSD
OCP
Driver
Vref
1
0.33
μF
CTL
GND(TO252-5)
OUT
Fin
4
22
μF
2
Vcc
N.C.
5
Vcc
R2
R1
3
N.C.
(TO252-5)
GND
(TO220FP-5,
-5(V5)
TSD
OCP
Driver
Vref
1
0.33
μF
CTL
GND(TO252-5)
OUT
Fin
4
22
μF
2
Vcc
C
5
Vcc
R2
R1
3
N.C.
(TO252-5)
GND
(TO220FP-5,
-5(V5)
Pin No.
Pin name
Function
1
CTL
Output voltage on/off control
2
Vcc
Supply voltage input
3
N.C./GND
NC pin/GND*1
4
OUT
Power supply output
5
ADJ pin
FIN
GND
GND*2
*1 NC pin for TO252-5 and GND pin for TO220FP-5 and TO220FP-5
(V5).
*2 TO252-5 only.
1 23 45
12 34 5
TO220FP-5
TO220FP-5 (V5)
1 2 3 4 5
12 34 5
TO220FP-5
TO220FP-5 (V5)
TO220FP-3
12 3
TO252-3
TOP VIEW
1 2 3
TO252-5
TOP VIEW
TOP VIEW
PIN
External capacitor setting range
Vcc (1Pin)
Approximately 0.33
μF.
OUT (3Pin)
22
μF to 1000μF
PIN
External capacitor setting range
Vcc (2Pin)
Approximately 0.33
μF.
OUT (4Pin)
22
μF to 1000μF
PIN
External capacitor setting range
Vcc (2Pin)
Approximately 0.33
μF.
OUT (4Pin)
22
μF to 1000μF
TO220CP-V5
TO252-5
FIN
1 2 3 4 5
FIN
1 2 3 4 5
1 2 3 4 5
TSD
OCP
Driver
Vref
1
Vcc
N.C.
OUT
2
3
22μF
GND
Fin
0.33μF
(TO252-3)
GND
(TO252-3)
R1
R2
(TO220FP-3,
TO220FP-5(V5))


Similar Part No. - BA80BC0WFP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA80BC0WFP-E2 ROHM-BA80BC0WFP-E2 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results

Similar Description - BA80BC0WFP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com