Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA10358FV-E2 Datasheet(PDF) 2 Page - Rohm

Part # BA10358FV-E2
Description  Ground Sense Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA10358FV-E2 Datasheet(HTML) 2 Page - Rohm

  BA10358FV-E2 Datasheet HTML 1Page - Rohm BA10358FV-E2 Datasheet HTML 2Page - Rohm BA10358FV-E2 Datasheet HTML 3Page - Rohm BA10358FV-E2 Datasheet HTML 4Page - Rohm BA10358FV-E2 Datasheet HTML 5Page - Rohm BA10358FV-E2 Datasheet HTML 6Page - Rohm BA10358FV-E2 Datasheet HTML 7Page - Rohm BA10358FV-E2 Datasheet HTML 8Page - Rohm BA10358FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
2/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●Absolute Maximum Ratings (Ta=25[℃])
○BA10358 family,BA10324A family
Parameter
Symbol
Ratings
Unit
BA10358 family
BA10324A family
Supply Voltage
VCC-VEE
+32
V
Differential Input Voltage
(*1)
Vid
VCC-VEE
V
Input Common-mode Voltage Range
Vicm
(VEE-0.3)~VCC
V
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-55~+125
Maximum Junction Temperature
Tjmax
+125
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating
or use out of absolute maximum rated temperature environment may cause deterioration of characteristics.
(*1)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
●Electric Characteristics
○BA10358 family (Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BA10358F/FV
Min.
Typ.
Max.
Input Offset Voltage
(*2)
Vio
25℃
-
2
7
mV
VOUT=1.4[V]
Input Offset Current
(*2)
Iio
25℃
-
5
50
nA
VOUT=1.4[V]
Input Bias Current
(*3)
Ib
25℃
-
45
250
nA
VOUT=1.4[V]
Supply Current
ICC
25℃
-
0.7
1.2
mA
RL=
∞ All Op-Amps
Large Signal Voltage Gain
AV
25℃
25
100
-
V/mV
RL≧2[k
Ω],VCC=15[V],
VOUT=1.4~11.4[V]
Input Common-mode Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
(VCC-VEE)=5[V],
VOUT=VEE+1.4[V]
Common-mode Rejection Ratio
CMRR
25℃
65
80
-
dB
VOUT=1.4[V]
Power Supply Rejection Ratio
PSRR
25℃
65
100
-
dB
VCC=5~30[V]
Output Source Current
IOH
25℃
10
20
-
mA
VIN+=1[V],VIN-=0[V],
VOUT=0[V],
1CH is short circuit
Output Sink Current
IOL
25℃
10
20
-
mA
VIN+=0[V],VIN-=1[V],
VOUT=5[V],
1CH is short circuit
Output Voltage Range
Vo
25℃
0
-
VCC-1.5
V
RL=2[k
Ω]
Channel Separation
CS
25℃
-
120
-
dB
f=1[kHz], input referred
(*2)
Absolute value
(*3)
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.


Similar Part No. - BA10358FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
More results

Similar Description - BA10358FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com