Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FND327C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FND327C
Description  SINGLE DIGIT STICK DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FND327C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FND327C Datasheet HTML 1Page - Fairchild Semiconductor FND327C Datasheet HTML 2Page - Fairchild Semiconductor FND327C Datasheet HTML 3Page - Fairchild Semiconductor FND327C Datasheet HTML 4Page - Fairchild Semiconductor FND327C Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Similar Part No. - FND327C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FND300-1012 BEL-FND300-1012 Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
FND300-1012G BEL-FND300-1012G Datasheet
875Kb / 6P
   POWER SUPPLY
FND300-1012S101 BEL-FND300-1012S101 Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
FND300-1012S102 BEL-FND300-1012S102 Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
FND300-1012S102G BEL-FND300-1012S102G Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
More results

Similar Description - FND327C

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MAN412C QT-MAN412C Datasheet
223Kb / 6P
   0.39 INCH (9.9MM) SINGLE DIGIT STICK DISPLAY
logo
Fairchild Semiconductor
MAN412C FAIRCHILD-MAN412C Datasheet
269Kb / 7P
   0.39 INCH (9.9MM) SINGLE DIGIT STICK DISPLAY
MAN6160E FAIRCHILD-MAN6160E Datasheet
269Kb / 7P
   0.56 INCH (14.2 MM) SINGLE DIGIT STICK DISPLAY
MANF260C FAIRCHILD-MANF260C Datasheet
278Kb / 7P
   4.0 INCH (101.6 MM) SINGLE DIGIT STICK DISPLAY
MAN6161C FAIRCHILD-MAN6161C Datasheet
490Kb / 7P
   0.56 INCH (14.2 MM) SINGLE DIGIT STICK DISPLAY DIAMOND Font
MST4111C FAIRCHILD-MST4111C Datasheet
280Kb / 7P
   0.4 INCH (10.2MM) THREE DIGIT STICK DISPLAY
MSD318C FAIRCHILD-MSD318C Datasheet
236Kb / 7P
   0.30 INCH (7.6MM) TWO DIGIT STICK DISPLAY
MST5150C FAIRCHILD-MST5150C Datasheet
283Kb / 7P
   0.52 INCH (13.2MM) THREE DIGIT STICK DISPLAY
MSD314C FAIRCHILD-MSD314C Datasheet
232Kb / 7P
   0.30 INCH (7.6MM) TWO DIGIT STICK DISPLAY
MSD4110C FAIRCHILD-MSD4110C Datasheet
272Kb / 7P
   0.4 INCH (10.1MM) TWO DIGIT STICK DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com