Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICE3B2065J Datasheet(PDF) 16 Page - Infineon Technologies AG

Part No. ICE3B2065J
Description  Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS® and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

ICE3B2065J Datasheet(HTML) 16 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Version 2.7
16
9 May 2012
CoolSET®-F3R
ICE3Bxx65J
4.2
Operating Range
Note:
Within the operating range the IC operates as described in the functional description.
4.3
Characteristics
4.3.1
Supply Section
Note:
The electrical characteristics involve the spread of values guaranteed within the specified supply voltage
and junction temperature range T
J from – 25
oC to 130 oC. Typical values represent the median values,
which are related to 25°C. If not otherwise stated, a supply voltage of V
CC = 18 V is assumed.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
VCC Supply Voltage
VVCC
VVCCoff
26
V
Junction Temperature of Controller
TjCon
-25
130
°C
Max value limited due to
integrated thermal shut down
Junction Temperature of
CoolMOS®
TJCoolMOS
-25
150
°C
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Start Up Current
IVCCstart
-
300
450
mA
VVCC = 17V
VCC Charge Current
IVCCcharge1
-
-
5.0
mA
VVCC = 0V
IVCCcharge2
0.55
1.05
1.60
mA
VVCC = 1V
IVCCcharge3
-
0.88
-
mA
VVCC = 17V
Leakage Current of
Start Up Cell & CoolMOS
IStartLeak
-
0.2
50
mA
VDrain= 450V
at Tj = 100°C
Supply
Current with
Inactive Gate
ICE3B0365J
ICE3B0565J
ICE3B1565J
IVCCsup_ng1
-
1.7
2.5
mA
Soft Start pin is open
ICE3B2065J
IVCCsup_ng2
-
3.3
4.2
mA
Supply Current with Active Gate IVCCsup_g
-
2.5
3.6
mA
VSoftS = 3.0V
IFB = 0
Supply Current in
Auto Restart Mode
with Inactive Gate
IVCCrestart
-
300
-
mA
IFB = 0
ISofts = 0
Supply Current in
Active Burst Mode
with Inactive Gate
IVCCburst1
-
500
950
uA
VFB = 2.5V
VSoftS = 3.0V
IVCCburst2
-
500
950
uA
VVCC = 11.5V
VFB = 2.5V
VSoftS = 3.0V
VCC Turn-On Threshold
VCC Turn-Off Threshold
VCC Turn-On/Off Hysteresis
VVCCon
VVCCoff
VVCChys
17.0
9.6
-
18.0
10.3
7.7
19.0
11.0
-
V
V
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn