Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICE3B2065J Datasheet(PDF) 15 Page - Infineon Technologies AG

Part No. ICE3B2065J
Description  Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS® and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

ICE3B2065J Datasheet(HTML) 15 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
CoolSET®-F3R
ICE3Bxx65J
Version 2.7
15
9 May 2012
4
Electrical Characteristics
Note:
All voltages are measured with respect to ground (Pin 8). The voltage levels are valid if other ratings are
not violated.
4.1
Absolute Maximum Ratings
Note:
Absolute maximum ratings are defined as ratings, which when being exceeded may lead to destruction
of the integrated circuit. For the same reason make sure, that any capacitor that will be connected to pin 7
(VCC) is discharged before assembling the application circuit.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Drain Source Voltage
VDS
-
650
V
Tj = 110°C
Pulse drain current,
tp limited by max.
Tj=150°C
ICE3B0365J
ID_Puls1
-
1.6
A
ICE3B0565J
ID_Puls2
-
2.3
A
ICE3B1565J
ID_Puls3
-
6.1
A
ICE3B2065J
ID_Puls4
-
10.3
A
Avalanche energy,
repetitive tAR limited
by max. Tj=150°C1)
1)
Repetetive avalanche causes additional power losses that can be calculated as PAV=EAR* f
ICE3B0365J
EAR1
-
0.005
mJ
ICE3B0565J
EAR2
-
0.01
mJ
ICE3B1565J
EAR3
-
0.15
mJ
ICE3B2065J
EAR4
-
0.4
mJ
Avalanche current,
repetitive tAR limited
by max. Tj=150°C1)
ICE3B0365J
IAR1
-
0.3
A
ICE3B0565J
IAR2
-
0.5
A
ICE3B1565J
IAR3
-
1.5
A
ICE3B2065J
IAR4
-
2.0
A
VCC Supply Voltage
VVCC
-0.3
27
V
FB Voltage
VFB
-0.3
5.0
V
SoftS Voltage
VSoftS
-0.3
5.0
V
CS Voltage
VCS
-0.3
5.0
V
Junction Temperature
Tj
-40
150
°C
Controller & CoolMOS®
Storage Temperature
TS
-55
150
°C
Thermal Resistance
Junction-Ambient
RthJA
-
90
K/W
PG-DIP-8
ESD Capability
VESD
-
2
kV
Human body model2)
2)
According to EIA/JESD22-A114-B (discharging a 100pF capacitor through a 1.5kW series resistor)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn