Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3B2065J Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # ICE3B2065J
Description  Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3B2065J Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button ICE3B2065J Datasheet HTML 10Page - Infineon Technologies AG ICE3B2065J Datasheet HTML 11Page - Infineon Technologies AG ICE3B2065J Datasheet HTML 12Page - Infineon Technologies AG ICE3B2065J Datasheet HTML 13Page - Infineon Technologies AG ICE3B2065J Datasheet HTML 14Page - Infineon Technologies AG ICE3B2065J Datasheet HTML 15Page - Infineon Technologies AG ICE3B2065J Datasheet HTML 16Page - Infineon Technologies AG ICE3B2065J Datasheet HTML 17Page - Infineon Technologies AG ICE3B2065J Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
CoolSET®-F3R
ICE3Bxx65J
Version 2.7
14
9 May 2012
small voltage overshoots of V
VCC
during normal
operating cannot trigger the Auto Restart Mode I.
In Order to ensure system reliability and prevent any
false activation, a blanking time is implemented before
the IC can enter into the Auto Restart Mode I. The
output of the VCC overvoltage detection is fed into a
spike blanking with a time constant of 8.0us.
The other fault detection which can result in the Auto
Restart Mode I and has this 8.0us blanking time is the
Overtemperature detection. This block checks for a
junction
temperature
of
higher
than
140°C
for
malfunction operation.
Once Auto Restart Mode is entered, the internal bias is
switched off in order to reduce the current consumption
of the IC as much as possible. In this mode, the
average current consumption is only 300uA as the only
working blocks are the reference block and the
Undervoltage
Lockout(UVLO)
which
controls
the
Startup Cell by switching on/off at V
VCCon/VVCCoff.
As there is no longer a self supply by the auxiliary
winding, VCC starts to drop. The UVLO switches on the
integrated Startup Cell when VCC falls below 10.3V. It
will continue to charge VCC up to 18V whereby it is
switched off again and the IC enters into the Start Up
Phase.
As long as all fault conditions have been removed, the
IC will automatically power up as usual with switching
cycle at the GATE output after Soft Start duration. Thus
the name Auto Restart Mode.
3.6.3.2
Auto Restart Mode II
Figure 17
Auto Restart Mode II
In case of Overload or Open Loop, FB exceeds 4.5V
which will be observed by C4. At this time, the external
Soft Start capacitor can now be charged further by the
integrated pull up resistor R
SoftS via switch S3 (see
Figure 13). If V
SoftS exceeds 4.0V which is observed by
C3, Auto Restart Mode II is entered as both inputs of
the gate G5 are high.
This charging of the Soft Start capacitor from
3.2V~3.6V to 4.0V defines a blanking window which
prevents the system from entering into Auto Restart
Mode II unintentionally during large load jumps. In this
event, FB will rise close to 5.0V for a short duration
before the loop regulates with FB less than 4.5V. This
is the same blanking time window as for the Active
Burst Mode and can therefore be adjusted by the
external C
SoftS.
In case of VCC undervoltage, ie. VCC falls below
10.3V, the IC will be turned off with the Startup Cell
charging VCC as described earlier in this section. Once
VCC is charged above 18V, the IC will start a new
startup cycle. The same procedure applies when the
system is under Short Optocoupler fault condition, as it
will lead to VCC undervoltage.
C3
4.0V
C4
4.5V
&
G5
Control Unit
SoftS
Internal
Bias
Auto
Restart
Mode
FB


Similar Part No. - ICE3B2065J

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B2065J INFINEON-ICE3B2065J Datasheet
938Kb / 28P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V
Version 2.9, 25 Mar 2013
ICE3B2065J INFINEON-ICE3B2065J Datasheet
938Kb / 28P
   CoolSET짰-F3 (Ji tter Version) Off-Line SMPS Cur rent Mode Controller with integrated 650V CoolMOS짰 and Startup cel l (frequency j itter Mode) in DIP-8
Version 2.9 2013-03-25
More results

Similar Description - ICE3B2065J

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0365J INFINEON-ICE3B0365J_11 Datasheet
988Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.6, 4 Jul 2011
ICE3BR1065J INFINEON-ICE3BR1065J_11 Datasheet
1Mb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8
Version 2.0, 28 Dec 2011
ICE3BR1465JF INFINEON-ICE3BR1465JF Datasheet
2Mb / 36P
   Off-Line SMPS Current Mode Controllerwith integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in FullPak
Version 2.1, 7 May 2011
ICE3AR4780JZ INFINEON-ICE3AR4780JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.1a, 11 Jan 2012
ICE3BR1065JF INFINEON-ICE3BR1065JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3BR2565JF INFINEON-ICE3BR2565JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3AR10080JZ INFINEON-ICE3AR10080JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controllerwith integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.2a, 11 Jan 2012
ICE2QR1765 INFINEON-ICE2QR1765 Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-8
Version 2.2, August 30, 2011
ICE3AS03LJG INFINEON-ICE3AS03LJG Datasheet
470Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell ( Latched and frequency jitter Mode )
Version 2.0, 3 Jul 2009
ICE3AR10080CJZ INFINEON-ICE3AR10080CJZ Datasheet
2Mb / 33P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & CCM) in DIP-7
Version 2.0, 11 Jan 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com