Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICE3B2065J Datasheet(PDF) 26 Page - Infineon Technologies AG

Part No. ICE3B2065J
Description  Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS® and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

ICE3B2065J Datasheet(HTML) 26 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Version 2.7
26
9 May 2012
CoolSET®-F3R
ICE3Bxx65J
Schematic for recommended PCB layout
8
Schematic for recommended PCB layout
Figure 28
Schematic for recommended PCB layout
General guideline for PCB layout design using F3 CoolSET (refer to Figure 26):
1. “Star Ground “at bulk capacitor ground, C11:
“Star Ground “means all primary DC grounds should be connected to the ground of bulk capacitor C11
separately in one point. It can reduce the switching noise going into the sensitive pins of the CoolSET device
effectively. The primary DC grounds include the followings.
a. DC ground of the primary auxiliary winding in power transformer, TR1, and ground of C16 and Z11.
b. DC ground of the current sense resistor, R12
c. DC ground of the CoolSET device, GND pin of IC11; the signal grounds from C13, C14, C15 and collector of
IC12 should be connected to the GND pin of IC11 and then “star “connect to the bulk capacitor ground.
d. DC ground from bridge rectifier, BR1
e. DC ground from the bridging Y-capacitor, C4
2. High voltage traces clearance:
High voltage traces should keep enough spacing to the nearby traces. Otherwise, arcing would incur.
a. 400V traces (positive rail of bulk capacitor C11) to nearby trace: > 2.0mm
b. 600V traces (drain voltage of CoolSET IC11) to nearby trace: > 2.5mm
3. Filter capacitor close to the controller ground:
Filter capacitors, C13, C14 and C15 should be placed as close to the controller ground and the controller pin
as possible so as to reduce the switching noise coupled into the controller.
Guideline for PCB layout design when >3KV lightning surge test applied (refer to Figure 26):
1. Add spark gap
Spark gap is a pair of saw-tooth like copper plate facing each other which can discharge the accumulated
charge during surge test through the sharp point of the saw-tooth plate.
a. Spark Gap 3 and Spark Gap 4, input common mode choke, L1:
Gap separation is around 1.5mm (no safety concern)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn