Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54260QDGQRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54260QDGQRQ1
Description  3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54260QDGQRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54260QDGQRQ1 Datasheet HTML 6Page - Texas Instruments TPS54260QDGQRQ1 Datasheet HTML 7Page - Texas Instruments TPS54260QDGQRQ1 Datasheet HTML 8Page - Texas Instruments TPS54260QDGQRQ1 Datasheet HTML 9Page - Texas Instruments TPS54260QDGQRQ1 Datasheet HTML 10Page - Texas Instruments TPS54260QDGQRQ1 Datasheet HTML 11Page - Texas Instruments TPS54260QDGQRQ1 Datasheet HTML 12Page - Texas Instruments TPS54260QDGQRQ1 Datasheet HTML 13Page - Texas Instruments TPS54260QDGQRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
1.5
1.8
2
2.3
2.5
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
2
2.25
2.50
2.75
3
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
85
90
95
100
105
110
115
-50
-25
0
25
50
75
100
125
150
VSENSEFalling
VSENSERising
VSENSEFalling
VSENSERising
V =12V
I
T -JunctionTemperature-°C
J
TPS54260-Q1
SLVSAH8C – DECEMBER 2010 – REVISED MAY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
PWRGD ON RESISTANCE
PWRGD THRESHOLD
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 19.
Figure 20.
BOOT-PH UVLO
INPUT VOLTAGE (UVLO)
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 21.
Figure 22.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: TPS54260-Q1


Similar Part No. - TPS54260QDGQRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
More results

Similar Description - TPS54260QDGQRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260-EP TI1-TPS54260-EP_17 Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI-TPS54260-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode?
TPS54260-EP TI1-TPS54260-EP Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-Q1 TI1-TPS54260-Q1_16 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54240 TI1-TPS54240_16 Datasheet
2Mb / 56P
[Old version datasheet]   3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com