Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD0P2RF-02LRHE6327 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # ESD0P2RF-02LRHE6327
Description  Bi-directional Ultra-low Capacitance ESD / Transient Protection Diode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD0P2RF-02LRHE6327 Datasheet(HTML) 5 Page - Infineon Technologies AG

  ESD0P2RF-02LRHE6327 Datasheet HTML 1Page - Infineon Technologies AG ESD0P2RF-02LRHE6327 Datasheet HTML 2Page - Infineon Technologies AG ESD0P2RF-02LRHE6327 Datasheet HTML 3Page - Infineon Technologies AG ESD0P2RF-02LRHE6327 Datasheet HTML 4Page - Infineon Technologies AG ESD0P2RF-02LRHE6327 Datasheet HTML 5Page - Infineon Technologies AG ESD0P2RF-02LRHE6327 Datasheet HTML 6Page - Infineon Technologies AG ESD0P2RF-02LRHE6327 Datasheet HTML 7Page - Infineon Technologies AG ESD0P2RF-02LRHE6327 Datasheet HTML 8Page - Infineon Technologies AG ESD0P2RF-02LRHE6327 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ESD0P2RF Series
Characteristics
Final Data Sheet
5
Rev. 1.2, 2012-10-01
2
Characteristics
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
2.1
Electrical Characteristics
at TA=25°C, unless otherwise specified
Figure 2-1 Definitions of electrical characteristics
Table 2-1
Maximum Ratings
at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
ESD air / contact discharge1)
1) VESD according to IEC61000-4-2
VESD
––20
kV
Peak pulse current (tp = 8/20 μs)2)
2) IPP according to IEC61000-4-5
IPP
––3A
Operating temperature range
TOP
-55
125
°C
Storage temperature
Tstg
-65
150
°C



 
   

 
    
  




  
   
  !
 !   
  ! 
    

  


   


Similar Part No. - ESD0P2RF-02LRHE6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD0P2RF-02LRH INFINEON-ESD0P2RF-02LRH Datasheet
622Kb / 8P
   Bi-directional Ultra Low Capacitance TVS Diode
2010-04-12
logo
Shanghai Leiditech Elec...
ESD0P2RF-02LRH-TP LEIDITECH-ESD0P2RF-02LRH-TP Datasheet
1Mb / 4P
   ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
logo
Infineon Technologies A...
ESD0P2RF-02LRH INFINEON-ESD0P2RF-02LRH_10 Datasheet
622Kb / 8P
   Bi-directional Ultra Low Capacitance TVS Diode
2010-04-12
More results

Similar Description - ESD0P2RF-02LRHE6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD3V3XU1BL INFINEON-ESD3V3XU1BL Datasheet
1Mb / 15P
   Bi-directional Ultra Low Capacitance ESD / Transient Protection Diode
Revision 1.3, 2013-09-11
ESD5V3U1U-02LS INFINEON-ESD5V3U1U-02LS_11 Datasheet
1Mb / 21P
   Uni-directional Ultra-Low Capacitance ESD / Transient Protection Diode
Revision 1.0, 2011-05-27
ESD206-B1-02 INFINEON-ESD206-B1-02 Datasheet
843Kb / 14P
   Ultra Low Clamping Bi-directional ESD / Transient / Surge Protection Diode
Revision 1.5, 2013-12-19
logo
WILLAS ELECTRONIC CORP
SESOTA05BC WILLAS-SESOTA05BC Datasheet
352Kb / 4P
   Low capacitance bi-directional double ESD protection diode
logo
SeCoS Halbleitertechnol...
STESDL05C SECOS-STESDL05C Datasheet
400Kb / 3P
   Low Capacitance ESD Protection (Bi-directional)
STESD03C-C SECOS-STESD03C-C Datasheet
199Kb / 3P
   Low Capacitance ESD Protection (Bi-directional)
STESD03C SECOS-STESD03C Datasheet
275Kb / 3P
   Low Capacitance ESD Protection (Bi-directional)
STESD05CL SECOS-STESD05CL Datasheet
412Kb / 3P
   Low Capacitance ESD Protection (Bi-directional)
KS05BL4 SECOS-KS05BL4 Datasheet
265Kb / 3P
   Low Capacitance ESD Protection (Bi-directional)
STESD05CL-C SECOS-STESD05CL-C Datasheet
345Kb / 3P
   Low Capacitance ESD Protection (Bi-directional)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com