Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5401EVM-708 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS5401EVM-708
Description  0.5-A, 42-V Input, Step-Down SWIFT??Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5401EVM-708 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS5401EVM-708 Datasheet HTML 3Page - Texas Instruments TPS5401EVM-708 Datasheet HTML 4Page - Texas Instruments TPS5401EVM-708 Datasheet HTML 5Page - Texas Instruments TPS5401EVM-708 Datasheet HTML 6Page - Texas Instruments TPS5401EVM-708 Datasheet HTML 7Page - Texas Instruments TPS5401EVM-708 Datasheet HTML 8Page - Texas Instruments TPS5401EVM-708 Datasheet HTML 9Page - Texas Instruments TPS5401EVM-708 Datasheet HTML 10Page - Texas Instruments TPS5401EVM-708 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
0.784
0.792
0.800
0.808
0.816
–50
–25
0
25
50
75
100
125
150
T – Junction Temperature – °C
J
V
= 12 V
IN
0
125
250
375
500
–50
–25
0
25
50
75
100
125
150
T – Junction Temperature – °C
J
V
– V
= 3 V
BOOT
PH
V
– V
BOOT
PH
= 6 V
V
= 12 V
IN
550
570
580
590
600
610
–50
–25
0
25
50
75
100
125
150
560
T – Junction Temperature – °C
J
V
= 12 V
R = 200 k
IN
T
W
0.7
0.8
0.9
1.1
–50
–25
0
25
50
75
100
125
150
T – Junction Temperature – °C
J
1
V
= 12 V
IN
0
500
1000
1500
2000
2500
0
25
50
75
100
125
150
175
200
RT/CLK – Clock Setting Resistance – kW
V
= 12 V
T = 25°C
IN
J
0
100
200
300
400
500
200
300
400
500
600
700
800
900
1000
1100
RT/CLK – Clock Setting Resistance – kW
1200
V
= 12 V
T = 25°C
IN
J
TPS5401
www.ti.com
SLVSAB0 – DECEMBER 2010
TYPICAL CHARACTERISTICS
ON-RESISTANCE vs JUNCTION TEMPERATURE
VOLTAGE REFERENCE vs JUNCTION TEMPERATURE
Figure 1.
Figure 2.
SWITCH-CURRENT LIMIT vs JUNCTION TEMPERATURE
SWITCHING FREQUENCY vs JUNCTION TEMPERATURE
Figure 3.
Figure 4.
SWITCHING FREQUENCY vs RT/CLK RESISTANCE
SWITCHING FREQUENCY vs RT/CLK RESISTANCE
HIGH-FREQUENCY RANGE
LOW-FREQUENCY RANGE
Figure 5.
Figure 6.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS5401


Similar Part No. - TPS5401EVM-708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5401EVM-708 TI1-TPS5401EVM-708 Datasheet
1Mb / 41P
[Old version datasheet]   0.5-A, 42-V Input, Step-Down SWIFT Converter
More results

Similar Description - TPS5401EVM-708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5401 TI-TPS5401 Datasheet
833Kb / 37P
[Old version datasheet]   0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS5401EVM-708 TI1-TPS5401EVM-708 Datasheet
1Mb / 41P
[Old version datasheet]   0.5-A, 42-V Input, Step-Down SWIFT Converter
TPS5401 TI-TPS5401_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS5401 0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54040A TI-TPS54040A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com