Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC6273DWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6273DWRG4
Description  POWER LOGIC OCTAL D-TYPE LATCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC6273DWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPIC6273DWRG4 Datasheet HTML 1Page - Texas Instruments TPIC6273DWRG4 Datasheet HTML 2Page - Texas Instruments TPIC6273DWRG4 Datasheet HTML 3Page - Texas Instruments TPIC6273DWRG4 Datasheet HTML 4Page - Texas Instruments TPIC6273DWRG4 Datasheet HTML 5Page - Texas Instruments TPIC6273DWRG4 Datasheet HTML 6Page - Texas Instruments TPIC6273DWRG4 Datasheet HTML 7Page - Texas Instruments TPIC6273DWRG4 Datasheet HTML 8Page - Texas Instruments TPIC6273DWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TPIC6273
POWER LOGIC OCTAL D-TYPE LATCH
SLIS011A – APRIL 1992 – REVISED OCTOBER 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions over recommended operating temperature range (unless
otherwise noted)
MIN
MAX
UNIT
Logic supply voltage, VCC
4.5
5.5
V
High-level input voltage, VIH
0.85 VCC
V
Low-level input voltage, VIL
0.15 VCC
V
Pulsed drain output current, TC = 25°C, VCC = 5 V (see Notes 3 and 5)
– 1.8
1.5
A
Setup time, D high before CLK
↑, tsu (see Figure 2)
10
ns
Hold time, D high after CLK
↑, th (see Figure 2)
15
ns
Pulse duration, tw (see Figure 2)
25
ns
Operating case temperature, TC
–40
125
°C
electrical characteristics, VCC = 5 V, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSX Drain-source breakdown voltage
ID = 1 mA
45
V
VSD
Source-drain diode forward voltage
IF = 250 mA, See Note 3
0.85
1
V
IIH
High-level input current
VCC = 5.5 V, VI = VCC
1
µA
IIL
Low-level input current
VCC = 5.5 V, VI = 0
–1
µA
ICC
Logic supply current
IO = 0,
All inputs low
15
100
µA
IN
Nominal current
VDS(on) = 0.5 V,
IN = ID,TC = 85°C
See Notes 5, 6, and 7
250
mA
IDSX
Off state drain current
VDS = 40 V
0.05
1
µA
IDSX
Off-state drain current
VDS = 40 V, TC = 125°C
0.15
5
µA
ID = 250 mA, VCC = 4.5 V
1.3
2
rDS(on)
Static drain-source on-state
resistance
ID = 250 mA, TC = 125°C,
VCC = 4.5 V
See Notes 5 and 6
and Figures 8 and 9
2
3.2
ID = 500 mA, VCC = 4.5 V
1.3
2
switching characteristics, VCC = 5 V, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output from CLK
625
ns
tPHL
Propagation delay time, high-to-low-level output from CLK
CL = 30 pF,
ID = 250 mA,
150
ns
tr
Rise time, drain output
L
,
D
,
See Figures 1, 2, and 10
675
ns
tf
Fall time, drain output
400
ns
ta
Reverse-recovery-current rise time
IF = 250 mA,
di/dt = 20 A/
µs,
100
ns
trr
Reverse-recovery time
F
µ
See Notes 5 and 6 and Figure 3
300
ns
NOTES:
3. Pulse duration
≤ 100 µs, duty cycle ≤ 2%
5. Technique should limit TJ – TC to 10°C maximum.
6. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
7. Nominal current is defined for a consistent comparison between devices from different sources. It is the current that produces a
voltage drop of 0.5 V at TC = 85°C.
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
R
θJA
Thermal resistance junction to ambient
DW package
All 8 outputs with equal power
111
°C/W
R
θJA
Thermal resistance, junction-to-ambient
N package
All 8 outputs with equal power
108
°C/W


Similar Part No. - TPIC6273DWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6273DWRG4 TI1-TPIC6273DWRG4 Datasheet
868Kb / 15P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
More results

Similar Description - TPIC6273DWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6273 TI-TPIC6273 Datasheet
143Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
TPIC6B273 TI-TPIC6B273 Datasheet
130Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
TPIC6273DWRG4 TI1-TPIC6273DWRG4 Datasheet
868Kb / 15P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
logo
National Semiconductor ...
MM54C373 NSC-MM54C373 Datasheet
170Kb / 8P
   Octal D-Type Latch Octal D-Type Flip-Flop
logo
Unisonic Technologies
U74HC373 UTC-U74HC373 Datasheet
214Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH
logo
Texas Instruments
SN74LVC573A-Q1 TI-SN74LVC573A-Q1 Datasheet
202Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH
logo
Unisonic Technologies
U74HC373 UTC-U74HC373_15 Datasheet
269Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
   Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com