Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5963LZ Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-5963LZ
Description  Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC Connector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-5963LZ Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-5963LZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963LZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963LZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963LZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963LZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963LZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963LZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963LZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-5963LZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Regulatory Compliance
Feature
Test Method
Performance
Electrostatic Discharge
(ESD) to the Electrical Pins
MIL-STD-883C
Meets Class 2 (2000 to 3999 Volts).
Withstand up to 2200 V applied between electrical pins.
Electrostatic Discharge
(ESD) to the LC Receptacle
Variation of IEC 61000-4-2
Typically withstand at least 25 kV without damage when the LC
connector receptacle is contacted by a Human Body Model probe.
Electromagnetic
Interference (EMI)
FCC Class B
CENELEC CEN55022 VCCI
Class 2
Transceivers typically provide a 10 dB margin to the noted standard
limits when tested at a certified test range with the transceiver
mounted to a circuit card without a chassis enclosure.
Immunity
Variation of IEC 61000-4-3
Typically show no measurable effect from a 10 V/m field swept from
80 to 450 MHz applied to the transceiver when mounted to a circuit
card withouta chassis enclosure.
Eye Safety
AEL Class 1
EN60825-1 (+A11)
Compliant per Avago testing under single fault conditions.
TUV Certification: R 02071015
Component Recognition
Underwriters Laboratories and Canadian
Standards Association Joint Component
Recognition for Information Technology
Equipment Including Electrical Business
Equipment
UL File #: E173874
200
100
λ
C – TRANSMITTER OUTPUT OPTICAL RISE/FALL TIMES – ns
1280
1300
1320
180
160
140
120
1360
1340
1.0
1.5
2.5
3.0
2.0
HFBR-5961xxZ TRANSMITTER
TEST RESULTS OF
λ
C, ∆λ AND tr/f
1260
t
r/f – TRANSMITTER
OUTPUT OPTICAL RISE/
FALL TIMES – ns
3.0
ARE CORRELATED AND COMPLY
WITH THE ALLOWED SPECTRAL
WIDTH AS A FUNCTION OF CENTER
WAVELENGTH FOR VARIOUS RISE
AND FALL TIMES.
0
1
2
3
4
5
6
-3
-2
-1
0
1
2
3
EYE SAMPLING TIME POSITION (ns)
CONDITIONS:
1. T
A = +25 C
2. V
CC = 3.3 V dc
3. INPUT OPTICAL RISE/
FALL TIMES = 2.1/1.9 ns.
4. INPUT OPTICAL POWER
IS NORMALIZED TO
CENTER OF DATA SYMBOL.
5. NOTE 15 AND 16 APPLY.
Immunity
Equipment utilizing these transceivers will be
subject to radio-frequency electromagnetic fields
in some environments These transceivers have a
high immunity to such fields.
For additional information regarding EMI,
susceptibility, ESD and conducted noise testing
procedures and results refer to Application Note
1166: Minimizing Radiated Emissions of High-
Speed Data Communications Systems.
Transceiver Reliability and Performance Qualification
Data
The 2 x 5 transceivers have passed Avago
reliability and performance qualification testing
and are undergoing ongoing quality and reliability
monitoring. Details are available from your Avago
sales representative.
These transceivers are manufactured at the Avago
Singapore location which is an ISO 9001 certified
facility.
Applications Support Materials
Contact your local Avago Component Field Sales
Office for information on how to obtain PCB
layouts and evaluation boards for the 2 x 5
transceivers.
Figure 7. Transmitter Output Optical Spectral Width (FWHM) vs.
Transmitter Output Optical Center Wavelength and Rise/Fall Times.
Figure 8. Relative Input Optical Power vs. Eye Sampling Time Position.


Similar Part No. - HFBR-5963LZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5963LZ AVAGO-HFBR-5963LZ Datasheet
166Kb / 13P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
HFBR-5963LZ AVAGO-HFBR-5963LZ_12 Datasheet
166Kb / 13P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
More results

Similar Description - HFBR-5963LZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961ALZ AVAGO-HFBR-5961ALZ Datasheet
418Kb / 13P
   Multimode Small Form Factor (SFF) Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC connector
HFBR-57E5APZ AVAGO-HFBR-57E5APZ Datasheet
228Kb / 15P
   Multimode Small Form-Factor Pluggable Transceivers with LC connector and DMI for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1
HFBR-5963LZ AVAGO-HFBR-5963LZ_12 Datasheet
166Kb / 13P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
HFBR-57E0APZ AVAGO-HFBR-57E0APZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet and
HFBR-57E0LZ AVAGO-HFBR-57E0LZ Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LC-200A4H1M DELTA-LC-200A4H1M Datasheet
116Kb / 8P
   2x5 Small Form Factor 1310nm Transceiver for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
Broadcom Corporation.
HFBR-57E5APZ BOARDCOM-HFBR-57E5APZ Datasheet
569Kb / 15P
   Multimode Small Form-Factor Pluggable Transceivers with LC connector and DMI for ATM, FDDI
logo
Delta Electronics, Inc.
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
   RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com