Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6410CSX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FMS6410CSX
Description  Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6410CSX Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FMS6410CSX Datasheet HTML 1Page - Fairchild Semiconductor FMS6410CSX Datasheet HTML 2Page - Fairchild Semiconductor FMS6410CSX Datasheet HTML 3Page - Fairchild Semiconductor FMS6410CSX Datasheet HTML 4Page - Fairchild Semiconductor FMS6410CSX Datasheet HTML 5Page - Fairchild Semiconductor FMS6410CSX Datasheet HTML 6Page - Fairchild Semiconductor FMS6410CSX Datasheet HTML 7Page - Fairchild Semiconductor FMS6410CSX Datasheet HTML 8Page - Fairchild Semiconductor FMS6410CSX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FMS6410
PRODUCT SPECIFICATION
6
REV. 0.0.2 9/3/02
Absolute Maximum Ratings (beyond which the device may be damaged)
Note: Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if
Operating Conditions are not exceeded.
Operating Conditions
Parameter
Min
Max
Units
DC Supply Voltage
-0.3
+7.0
V
Analog I/O
GND-0.3
VCC+0.3
V
Output Current (Continuous)
CV Channel
60
mA
Y and C Channels
30
mA
Junction Temperature
150
°C
Storage Temperature Range
-65
+150
°C
Lead Temperature (Soldering, 10s)
260
°C
Thermal Resistance (
ΘJA)
115
°C/W
Parameter
Min
Typ
Max
Units
Temperature Range
0
70
°C
VCC_VIDEO Range
4.75
5.0
5.25
V
ICC (+5 VDC), AC Coupled Outputs
60
85
mA
Electrical Characteristics 1Vp-p input signal at room temperature
Video Characteristics - Unless otherwise noted, typical output loading on video output is 150
Ω.
Symbol
Parameter
Condition
VCC_VIDEO=+5.0V+/-5%
Min
Typ
Max Units
AVYC
Low Frequency Gain (YOUT, COUT)
at 400kHz
5.75
6.0
6.25
dB
AVCV
Low Frequency Gain (CVOUT)
at 400kHz
5.55
5.9
6.25
dB
YSYNC
YOUT Output Level (During Sync)
Sync Present on YIN
0.75
1.0
1.25
V
CSYNC
COUT Output Level (During Sync)
Sync Present on YIN
1.6
2.0
2.4
V
CVSYNC
CVOUT Output Level (During Sync)
Sync Present on YIN
0.75
1.0
1.25
V
tCLAMP
Clamp Response Time (Y Channel)
Settled to within 10mV, 0.1µF cap
on YIN and CIN
59
ms
f1dB
–1.0dB Bandwidth (Flatness)
(YOUT, COUT, and CVOUT)
No Peaking Cap (Note 1)
4.0
4.5
MHz
fC
–3dB Bandwidth (Flatness)
(YOUT, COUT, and CVOUT)
6.7
7.1
MHz
fSB
Stopband Rejection
(YOUT, COUT, and CVOUT)
fIN = 27MHz
-37
-42
dB
Vi
Input Signal Dynamic Range
AC Coupled (All Channels)
1.3
1.4
VP-P
ISC
Output Short Circuit Current (Note 2)
YOUT, COUT, CVOUT to GND
40
80
mA
CL
Output Shunt Capacitance
All Channels
35
pF
dG
Differential Gain (Note 3)
YOUT, COUT, and CVOUT
0.4
1
%
dP
Differential Phase (Note 3)
YOUT, COUT, and CVOUT
0.4
1
°
THD
Output Distortion (All Channels)(Note 3) YOUT / COUT = 1.8VP-P at
3.58 / 4.43MHz
0.1
0.5
%


Similar Part No. - FMS6410CSX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6410CSX FAIRCHILD-FMS6410CSX Datasheet
110Kb / 9P
   Dual Channel Video Drivers with Integrated Filters
FMS6410CSX_NL FAIRCHILD-FMS6410CSX_NL Datasheet
110Kb / 9P
   Dual Channel Video Drivers with Integrated Filters
More results

Similar Description - FMS6410CSX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6400-1 FAIRCHILD-FMS6400-1 Datasheet
82Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6400 FAIRCHILD-FMS6400 Datasheet
79Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B_06 Datasheet
214Kb / 8P
   Dual-Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B Datasheet
78Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6414 FAIRCHILD-FMS6414 Datasheet
34Kb / 7P
   Dual Channel Video Drivers with Integrated Filters
FMS6410 FAIRCHILD-FMS6410_04 Datasheet
110Kb / 9P
   Dual Channel Video Drivers with Integrated Filters
logo
ON Semiconductor
FMS6410B ONSEMI-FMS6410B Datasheet
335Kb / 10P
   Dual-Channel Video Drivers
October 2006 Rev. 1.0.2
logo
Maxim Integrated Produc...
MAX7481 MAXIM-MAX7481 Datasheet
860Kb / 13P
   Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
MAX7442 MAXIM-MAX7442 Datasheet
250Kb / 7P
   6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
logo
Fairchild Semiconductor
ML6428 FAIRCHILD-ML6428 Datasheet
161Kb / 10P
   S-Video Filter and 75 ??Line Drivers with Summed Composite Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com