Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMS6413 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FMS6413
Description  Single Channel Video Driver with Integrated Filter and Clamp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6413 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMS6413 Datasheet HTML 1Page - Fairchild Semiconductor FMS6413 Datasheet HTML 2Page - Fairchild Semiconductor FMS6413 Datasheet HTML 3Page - Fairchild Semiconductor FMS6413 Datasheet HTML 4Page - Fairchild Semiconductor FMS6413 Datasheet HTML 5Page - Fairchild Semiconductor FMS6413 Datasheet HTML 6Page - Fairchild Semiconductor FMS6413 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.fairchildsemi.com
REV. 1.0.2 6/27/02
Video Features
• Integrated Video Low Pass reconstruction filter
• Integrated output driver provides a low impedance output
and delivers 2Vp-p (6dB gain) composite video into
150
Ω.
• 7.1MHz 4th order video filter
• 0.4% differential gain with 0.4° differential phase
• Integrated DC Restore / Clamp Circuitry
Applications
• CCTV
• DVD players
• Televisions
• HDTV
• Personal Video Recorders (PVRs)
• Video On Demand (VOD)
• Cable and Satellite Set top boxes
General Description
The FMS6413 Single Channel Video Filter – Driver Chip
offers comprehensive video filtering for set top box or DVD
applications. This part consists of a 4th order video Low
Pass filter for video filtering. This device integrates a video
driver so that it can directly drive to the outside world. There
is also an integrated clamp circuit that allows the part to DC
restore.
The video output is filtered at 7.1MHz and buffered to drive
2Vp-p into an AC coupled 150
Ω load with up to 35pF of
load capacitance at the output pin. The filter approximates a
4th-order Butterworth characteristic with an optimization
toward low overshoot and flat group delay. Likewise, the
driver is capable of driving a 75
Ω load at 1Vp-p. There is an
option for the video output to be DC coupled which limits
the drive to 1 output.
Block Diagram
VIDEO_IN
VIDEO_OUT
SYNC STRIP,
REFERENCE,
AND TIMING
gM
x2
1V
FMS6413
Single Channel Video Driver with Integrated Filter
and Clamp


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FMS6400-1 Dual Channel Video Drivers with Integrated Filters and Composite Video Summer 1  2  3  4  5  More Fairchild Semiconductor
FMS6410B Dual Channel Video Drivers with Integrated Filters and Composite Video Summer 1  2  3  4  5  More Fairchild Semiconductor
AS8218 Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller RTC Programmable Multi-Purpose I/Os and LCD Driver 1  2  ams AG
CLC030 SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver 1  2  3  4  5  More National Semiconductor (TI)
LMH0030 SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver 1  2  3  4  5  More National Semiconductor (TI)
FMS6417 Selectable RGB YUV HD/SD Video Filter Driver with Y C Composite and Modulator Outputs 1  2  3  4  5  More Fairchild Semiconductor
LM2453 Monolithic Triple 6 nS CRT Driver With Integrated Clamp and G1 Blanking 1  2  3  4  5  More National Semiconductor (TI)
ADA4410-6 Integrated Video Filter with Selectable Cutoff Frequencies for RGB HD/SD Y C and CV 1  2  3  4  5  More Analog Devices
FMS6400 Dual Channel Video Drivers with Integrated Filters and Composite Video Summer 1  2  3  4  5  More Fairchild Semiconductor
FMS6366 Selectable YPbPr HD/SD 4:2:2 Video Filter Driver with Y C and Composite Outputs 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn