Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMS6413 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. FMS6413
Description  Single Channel Video Driver with Integrated Filter and Clamp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6413 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FMS6413 Datasheet HTML 1Page - Fairchild Semiconductor FMS6413 Datasheet HTML 2Page - Fairchild Semiconductor FMS6413 Datasheet HTML 3Page - Fairchild Semiconductor FMS6413 Datasheet HTML 4Page - Fairchild Semiconductor FMS6413 Datasheet HTML 5Page - Fairchild Semiconductor FMS6413 Datasheet HTML 6Page - Fairchild Semiconductor FMS6413 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FMS6413
6
REV. 1.0.2 6/27/02
Mechanical Dimensions Inches (millimeters)
PIN 1 ID
SEATING PLANE
0.189 - 0.199
Package: S08
8-Pin SOIC
(4.80 - 5.06)
8
1
0.148 - 0.158
(3.76 - 4.01)
0.055 - 0.061
(1.40 - 1.55)
0.012 - 0.020
(0.30 - 0.51)
0.004 - 0.010
(0.10 - 0.26)
0.015 - 0.035
0° - 8°
(0.38 - 0.89)
0.006 - 0.010
(0.15 - 0.26)
0.059 - 0.069
(1.49 - 1.75)
0.017 - 0.027
(0.43 - 0.69)
(4 PLACES)
0.228 - 0.244
(5.79 - 6.20)
0.050 BSC
(1.27 BSC)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FMS6400-1 Dual Channel Video Drivers with Integrated Filters and Composite Video Summer 1  2  3  4  5  More Fairchild Semiconductor
FMS6410B Dual Channel Video Drivers with Integrated Filters and Composite Video Summer 1  2  3  4  5  More Fairchild Semiconductor
AS8218 Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller RTC Programmable Multi-Purpose I/Os and LCD Driver 1  2  ams AG
CLC030 SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver 1  2  3  4  5  More National Semiconductor (TI)
LMH0030 SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver 1  2  3  4  5  More National Semiconductor (TI)
FMS6417 Selectable RGB YUV HD/SD Video Filter Driver with Y C Composite and Modulator Outputs 1  2  3  4  5  More Fairchild Semiconductor
LM2453 Monolithic Triple 6 nS CRT Driver With Integrated Clamp and G1 Blanking 1  2  3  4  5  More National Semiconductor (TI)
ADA4410-6 Integrated Video Filter with Selectable Cutoff Frequencies for RGB HD/SD Y C and CV 1  2  3  4  5  More Analog Devices
FMS6400 Dual Channel Video Drivers with Integrated Filters and Composite Video Summer 1  2  3  4  5  More Fairchild Semiconductor
FMS6366 Selectable YPbPr HD/SD 4:2:2 Video Filter Driver with Y C and Composite Outputs 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn