Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMS6413 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FMS6413
Description  Single Channel Video Driver with Integrated Filter and Clamp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6413 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FMS6413 Datasheet HTML 1Page - Fairchild Semiconductor FMS6413 Datasheet HTML 2Page - Fairchild Semiconductor FMS6413 Datasheet HTML 3Page - Fairchild Semiconductor FMS6413 Datasheet HTML 4Page - Fairchild Semiconductor FMS6413 Datasheet HTML 5Page - Fairchild Semiconductor FMS6413 Datasheet HTML 6Page - Fairchild Semiconductor FMS6413 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FMS6413
4
REV. 1.0.2 6/27/02
Absolute Maximum Ratings (beyond which the device may be damaged)
Note: Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if
Operating Conditions are not exceeded.
Operating Conditions
Parameter
Min
Max
Units
VCC_VIDEO (Positive DC Supply Voltage)
+6.5
V
GND_VIDEO (Negative DC Supply Voltage)
V
Analog and Digital I/O
GND-0.3
VCC+0.3
V
Output Current (Continuous)
60
mA
Junction Temperature
150
°C
Storage Temperature Range
-65
+150
°C
Lead Temperature (Soldering, 10s)
260
°C
Thermal Resistance (
Θ
JA)
115
°C/W
Parameter
Min
Typ
Max
Units
Temperature Range
0
70
°C
VCC_VIDEO Range
4.75
5.0
5.25
V
GND_VIDEO
0
V
ICC (+5 VDC)
60
mA


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FMS6400-1 Dual Channel Video Drivers with Integrated Filters and Composite Video Summer 1  2  3  4  5  More Fairchild Semiconductor
FMS6410B Dual Channel Video Drivers with Integrated Filters and Composite Video Summer 1  2  3  4  5  More Fairchild Semiconductor
AS8218 Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller RTC Programmable Multi-Purpose I/Os and LCD Driver 1  2  ams AG
CLC030 SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver 1  2  3  4  5  More National Semiconductor (TI)
LMH0030 SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver 1  2  3  4  5  More National Semiconductor (TI)
FMS6417 Selectable RGB YUV HD/SD Video Filter Driver with Y C Composite and Modulator Outputs 1  2  3  4  5  More Fairchild Semiconductor
LM2453 Monolithic Triple 6 nS CRT Driver With Integrated Clamp and G1 Blanking 1  2  3  4  5  More National Semiconductor (TI)
ADA4410-6 Integrated Video Filter with Selectable Cutoff Frequencies for RGB HD/SD Y C and CV 1  2  3  4  5  More Analog Devices
FMS6400 Dual Channel Video Drivers with Integrated Filters and Composite Video Summer 1  2  3  4  5  More Fairchild Semiconductor
FMS6366 Selectable YPbPr HD/SD 4:2:2 Video Filter Driver with Y C and Composite Outputs 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn