Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS3115KRC Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FMS3115KRC
Description  Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS3115KRC Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FMS3115KRC Datasheet HTML 3Page - Fairchild Semiconductor FMS3115KRC Datasheet HTML 4Page - Fairchild Semiconductor FMS3115KRC Datasheet HTML 5Page - Fairchild Semiconductor FMS3115KRC Datasheet HTML 6Page - Fairchild Semiconductor FMS3115KRC Datasheet HTML 7Page - Fairchild Semiconductor FMS3115KRC Datasheet HTML 8Page - Fairchild Semiconductor FMS3115KRC Datasheet HTML 9Page - Fairchild Semiconductor FMS3115KRC Datasheet HTML 10Page - Fairchild Semiconductor FMS3115KRC Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PRODUCT SPECIFICATION
FMS3110/3115
REV. 1.05 12/21/00
9
Applications Discussion
Figure 5 illustrates a typical FMS3110/3115 interface cir-
cuit. In this example, an optional 1.2 Volt bandgap reference
is
connected to the VREF output, overriding the internal volt-
age reference source.
Grounding
It is important that the FMS3110/3115 power supply is well-
regulated and free of high-frequency noise. Careful power
supply decoupling will ensure the highest quality video sig-
nals at the output of the circuit. The FMS3110/3115 has sep-
arate analog and digital circuits. To keep digital system noise
from the D/A converter, it is recommended that power supply
voltages (VDD) come from the system analog power source
and all ground connections (GND) be made to the analog
ground plane. Power supply pins should be individually
decoupled at the pin.
Printed Circuit Board Layout
Designing with high-performance mixed-signal circuits
demands printed circuits with ground planes. Overall system
performance is strongly influenced by the board layout.
Capacitive coupling from digital to analog circuits may
result in poor D/A conversion. Consider the following sug-
gestions when doing the layout:
1.
Keep the critical analog traces (VREF, IREF, COMP,
IOS, IOR, IOG) as short as possible and as far as possi-
ble from all digital signals. The FMS3110/3115 should
be located near the board edge, close to the analog out-
put connectors.
2.
Power plane for the FMS3110/3115 should be separate
from that which supplies the digital circuitry. A single
power plane should be used for all of the VDD pins. If
the power supply for the FMS3110/3115 is the same as
that of the system's
digital circuitry, power to the FMS3110/3115 should be
decoupled with 0.1µF and 0.01µF capacitors and iso-
lated with a ferrite bead.
3.
The ground plane should be solid, not cross-hatched.
Connections to the ground plane should have very short
leads.
4.
If the digital power supply has a dedicated power plane
layer, it should not be placed under the FMS3110/3115,
the voltage reference, or the analog outputs. Capacitive
coupling of digital power supply noise from this layer to
the FMS3110/3115 and its related analog circuitry can
have an adverse effect on performance.
5.
CLK should be handled carefully. Jitter and noise on
this clock will degrade performance. Terminate the
clock line carefully to eliminate overshoot and ringing.
Related Products
• FMS38XX Triple 8-bit 150 Msps D/A Converters
• FMS9884A 3 x 8-bit 140 Ms/s A/D Converter
Figure 5. Typical Interface Circuit
R9-0
G9-0
B9-0
+5V
0.1
µF
10
µF
VDD
GND
FMS31XX
Triple 10-bit
D/A Converter
CLK
SYNC
BLANK
RED PIXEL
INPUT
GREEN PIXEL
INPUT
BLUE PIXEL
INPUT
CLOCK
SYNC
BLANK
COMP
VREF
RREF
+5V
0.1
µF
0.1
µF
560
3.3k
Ω (not required without
external reference)
LM185-1.2
(Optional)
IOR
IOG
IOB
75
75
75
75
75
75
Z
O=75Ω
Red
Green w/Sync
Blue
Z
O=75Ω
Z
O=75Ω


Similar Part No. - FMS3115KRC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3115KRC FAIRCHILD-FMS3115KRC Datasheet
478Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
More results

Similar Description - FMS3115KRC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3110 FAIRCHILD-FMS3110_04 Datasheet
478Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
FMS3810 FAIRCHILD-FMS3810 Datasheet
168Kb / 11P
   Triple Video D/A Converters 3 x 8 bit, 150 Ms/s
FMS3818 FAIRCHILD-FMS3818_04 Datasheet
484Kb / 13P
   Triple Video D/A Converters 3 x 8 bit, 180 Ms/s
FMS3818 FAIRCHILD-FMS3818 Datasheet
178Kb / 13P
   Triple Video D/A Converter 3 x 8 bit, 180 Ms/s
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
M65533FP MITSUBISHI-M65533FP Datasheet
119Kb / 16P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
logo
Fairchild Semiconductor
FMS9884A FAIRCHILD-FMS9884A Datasheet
238Kb / 29P
   3x8-Bit, 108/140/175 Ms/s Triple Video A/D Converter with Clamps
logo
Cadeka Microcircuits LL...
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Cadeka Microcircuits LL...
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com