Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C503SIZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9C503SIZ
Description  Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C503SIZ Datasheet(HTML) 1 Page - Intersil Corporation

  X9C503SIZ Datasheet HTML 1Page - Intersil Corporation X9C503SIZ Datasheet HTML 2Page - Intersil Corporation X9C503SIZ Datasheet HTML 3Page - Intersil Corporation X9C503SIZ Datasheet HTML 4Page - Intersil Corporation X9C503SIZ Datasheet HTML 5Page - Intersil Corporation X9C503SIZ Datasheet HTML 6Page - Intersil Corporation X9C503SIZ Datasheet HTML 7Page - Intersil Corporation X9C503SIZ Datasheet HTML 8Page - Intersil Corporation X9C503SIZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN8222.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2006, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9C102, X9C103, X9C104, X9C503
Digitally Controlled Potentiometer
(XDCP™)
The X9C102, X9C103, X9C104, X9C503 are Intersils’
digitally controlled (XDCP) potentiometers. The device
consists of a resistor array, wiper switches, a control section,
and non-volatile memory. The wiper position is controlled by
a three-wire interface.
The potentiometer is implemented by a resistor array
composed of 99 resistive elements and a wiper switching
network. Between each element and at either end are tap
points accessible to the wiper terminal. The position of the
wiper element is controlled by the CS, U/D, and INC inputs.
The position of the wiper can be stored in non-volatile
memory and then be recalled upon a subsequent power-up
operation.
The device can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications ranging from control to signal processing to
parameter adjustment.
Pinout
X9C102, X9C103, X9C104, X9C503
(8 LD SOIC, 8 LD PDIP)
TOP VIEW
Features
• Solid-State Potentiometer
• Three-Wire Serial Interface
• 100 Wiper Tap Points
- Wiper Position Stored in Non-volatile Memory and
Recalled on Power-up
• 99 Resistive Elements
- Temperature Compensated
- End-to-End Resistance, ±20%
- Terminal Voltages, ±5V
• Low Power CMOS
-VCC = 5V
- Active Current, 3mA max.
- Standby Current, 750µA max.
• High Reliability
- Endurance, 100,000 Data Changes per Bit
- Register Data Retention, 100 years
• X9C102 = 1k
Ω
• X9C103 = 10k
Ω
• X9C503 = 50k
Ω
• X9C104 = 100k
Ω
• Packages
- 8 Ld SOIC
- 8 Ld PDIP
• Pb-Free Available (RoHS Compliant)
Block Diagram
VCC
CS
VL/RL
VW/RW
INC
U/D
VH/RH
VSS
1
2
3
4
8
7
6
5
7-BIT
UP/DOWN
COUNTER
7-BIT
NON-VOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
ONE
OF
HUNDRED
DECODER
RESISTOR
ARRAY
RL/VL
RW/VW
RH/VH
U/D
INC
CS
TRANSFER
VCC
ONE-
GATES
99
98
97
96
2
1
0
GND
UP/DOWN
(INC)
INCREMENT
DEVICE
(U/D)
(CS)
VCC (SUPPLY VOLTAGE)
VSS (GROUND)
CONTROL
AND
MEMORY
GENERAL
VH/RH
RW/VW
VL/RL
SELECT
DETAILED
Data Sheet
July 20, 2009


Similar Part No. - X9C503SIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C503SIZ INTERSIL-X9C503SIZ Datasheet
257Kb / 11P
   Digitally Controlled Pot (XDCP)
X9C503SIZ INTERSIL-X9C503SIZ Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C503SIZ INTERSIL-X9C503SIZ Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C503SIZ INTERSIL-X9C503SIZ Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X9C503SIZ INTERSIL-X9C503SIZ Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
More results

Similar Description - X9C503SIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C103S INTERSIL-X9C103S Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
logo
Maxim Integrated Produc...
MAX5477EVKIT MAXIM-MAX5477EVKIT Datasheet
449Kb / 10P
   Power-On Recall of Wiper Position from Nonvolatile Memory
2005
MAX5422EVKIT MAXIM-MAX5422EVKIT Datasheet
229Kb / 13P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/08
MAX5417LEVCMODU MAXIM-MAX5417LEVCMODU Datasheet
158Kb / 9P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/05
MAX5432EVKIT MAXIM-MAX5432EVKIT Datasheet
256Kb / 13P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 2/08
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
ATMEL Corporation
AT90S1200 ATMEL-AT90S1200_14 Datasheet
1Mb / 71P
   Data and Non-volatile Program Memory
AT90LS4433 ATMEL-AT90LS4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90S4433 ATMEL-AT90S4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90PWM81 ATMEL-AT90PWM81_14 Datasheet
3Mb / 327P
   Data and non-volatile program memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com